Electronic Components Datasheet Search
  English  ▼

X  

DP83858 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83858
Description  100 Mb/s TX/T4 Repeater Interface Controller (100RIC8??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83858 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP83858 Datasheet HTML 9Page - National Semiconductor (TI) DP83858 Datasheet HTML 10Page - National Semiconductor (TI) DP83858 Datasheet HTML 11Page - National Semiconductor (TI) DP83858 Datasheet HTML 12Page - National Semiconductor (TI) DP83858 Datasheet HTML 13Page - National Semiconductor (TI) DP83858 Datasheet HTML 14Page - National Semiconductor (TI) DP83858 Datasheet HTML 15Page - National Semiconductor (TI) DP83858 Datasheet HTML 16Page - National Semiconductor (TI) DP83858 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
13
http:\\www.national.com
3.9 Management Bus
The task of network statistics gathering in a repeater sys-
tem is divided between the DP83858 and DP83856
devices. Together, these devices collect all the required
management information (compliant to IEEE 802.3u clause
30) associated with a packet.
Each time a packet is received by a DP83858, it drives the
device and the port number onto the management bus in 3
contiguous nibbles of data.
During a single reception, only one DP83858 drives this
information onto the management bus. During a collision,
the management bus will TRI-STATE (because the informa-
tion on this bus becomes invalid).
The first nibble of management data contains the least sig-
nificant 4 bits of the RID number, the second contains the
most significant bit of the RID number and the third con-
tains the number of the receiving port.
When the 100RIC8 is not receiving a packet, it monitors the
RID numbers from other 100RIC8s. If there is a match
between any of these numbers and 100RIC8’s own RID,
then a RID contention error signal (RID_ER) is asserted.
The management bus also indicates whether an elasticity
buffer error (due to under-run or over-run) has occurred by
asserting the /M_ER signal.
3.10 Management Event Flags and Counters
Repeater management statistics are supported either
directly by using the DP83858's on-chip event flags and
counters, or indirectly, by the DP83858 providing the infor-
mation to the DP83856 via the management and transmit
bus.
Management information is maintained within the DP83858
in two ways: event flags and counters.
3.10.1 Event Flags
These are the events that provide a snapshot of the opera-
tion of the DP83858. These events include:
s Auto-Partition State, indicating whether a port is current-
ly partitioned.
s Jabber State, indicating whether a port is in jabber state.
s Administration State, indicating if a port is disabled.
3.10.2 Event Counters
The event counters maintain the statistics for events that
occur too frequently for polled flags, or are collision ori-
ented. Each port has its own set of event counters that
keep track of the following events:
s Port Collisions. A 32-bit counter providing the number of
collision occurrences on a port.
s Port Partitions. A 16-bit counter indicating the number of
times that the port has partitioned.
s Late Events. A 32-bit counter indicating the number of
times that a collision took place after 512 bit times (nom-
inal). In the case of late events, both the late event and
the collision counters will be incremented.
s Short Events. A 32-bits wide counter indicating the num-
ber of packets whose length is 76 bits (nominal) or less.
3.11 Serial Register Interface
The DP83858 has 64 registers held in two pages of 32
(Register Page 0 and Register Page 1). The registers are
16 bits wide. Only one page of registers can be accessed
at a time.
After power-up and/or reset, the DP83858 defaults to Reg-
ister Page 0. Register Page 1 can be accessed by writing
0001h to the PAGE register in Register Page 0, whereupon
further accesses will be to Register Page 1. Subsequently
writing 0000h to the PAGE register in Register Page 1
switches the registers back to Register Page 0.
All accesses to DP83858 registers and counters, and to the
connected Physical Layer devices (via the DP83858), are
performed serially using the RDIO and RDC pins. The RDC
clock is limited to a frequency no greater than 2.5MHz. This
interface implements the serial management protocol
defined by the MII specification, IEEE 802.3u clause 22.
The protocol uses bit streams with the following format:
For Read operation: <start><opcode><device addr><reg
addr> [turnaround] 0<data>.
For Write operation: <start><opcode><device addr><reg
addr> <10><data>.
This protocol allows for up to 32 devices (DP83858s or
other MII compliant devices) to be connected, each with a
unique address and up to 32 16-bit registers. Devices are
cascaded on the RDIO and RDC signals.
Since the RDIO pin is shared for both read and write oper-
ations, it must only be driven at the proper time. The serial
protocol assumes that there is only one master (generally,
the management entity's processor) and one or more slave
devices (generally, the Physical Layer or DP83858 chips).
The master drives RDIO at all times except when, during a
slave read operation, the addressed slave places the seri-
alized read data onto the RDIO line after the line turn-
around field's first bit.
Unmanaged systems that do not use the DP83856 100RIB
device for repeater management, it is important to provide
the 100RIC with a minimum of 3 cycles of RDC during
device reset. If the minimum number of cycles of RDC is
not provided, the Serial Register Access Logic block may
not be properly reset and as a result RDIO may not func-
tion properly. The 100RIB provides continuous RDC cycles,
and eliminates this concern.
The fields of the protocol are defined in Table 3-1. In order
for the protocol to work, all serial logic must first be “syn-
chronized” to incoming data. A preamble of 32 consecutive
1's transmitted before the <start> field ensures "data lock".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com