Electronic Components Datasheet Search
  English  ▼

X  

DP83858 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83858
Description  100 Mb/s TX/T4 Repeater Interface Controller (100RIC8??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83858 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button DP83858 Datasheet HTML 14Page - National Semiconductor (TI) DP83858 Datasheet HTML 15Page - National Semiconductor (TI) DP83858 Datasheet HTML 16Page - National Semiconductor (TI) DP83858 Datasheet HTML 17Page - National Semiconductor (TI) DP83858 Datasheet HTML 18Page - National Semiconductor (TI) DP83858 Datasheet HTML 19Page - National Semiconductor (TI) DP83858 Datasheet HTML 20Page - National Semiconductor (TI) DP83858 Datasheet HTML 21Page - National Semiconductor (TI) DP83858 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
18
http:\\www.national.com
4.4 Page Register (PAGE)
4.5 Partition Status Register (PARTITION)
4.6 Jabber Status Register (JABBER)
4.7 Administration Register (ADMIN)
Page 0
Address 1h
Page 1
Address 1h
Bit
Bit Name Access
Bit Description
D15 - D2 reserved
—
These bits are undefined when read. Must be written as 0.
D1 - D0 PAGE[1:0]
r/w
These bits program the register page to be accessed. The page encoding is as follows:
PAGE[1:0]
Page
0h
0
(default)
1h
1
2h
reserved
3h
reserved
Page 0
Address 2h
Bit
Bit Name
Access
Bit Description
D15 - D12 reserved
—
These bits are undefined when read.
D11 - D8
reserved
—
These bits are undefined when read.
D7 - D0
JAB[7..0]
read only The respective port's PART bit is set to 1 when Partitioning is sensed on that port.
After reset, these bits are cleared to zero.
Page 0
Address 3h
Bit
Bit Name
Access
Bit Description
D15 - D12 reserved
—
These bits are undefined when read.
D11 - D8
reserved
—
These bits are undefined when read.
D7 - D0
JAB[7..0]
read only The respective port's JAB bit is set to 1 when the Jabber condition is detected on that
port. After reset, these bits are cleared to zero.
Page 0
Address 4h
Bit
Bit Name
Access
Bit Description
D15 - D13 reserved
—
For compatibility with future enhanced versions these bits must be written as
zero. They are undefined when read.
D12
TST_PART_LED
r/w
Test Partition LED: When this bit is set, the corresponding Partition LED logic
will be enabled if any of the ADMIN_DIS bits are set.
D11 - D8
reserved
—
These bits are undefined when read.
D7 - D0
ADMIN_DIS[7] ...
ADMIN_DIS[0]
r/w
Setting these bits to 0 enables the respective port (TX and RX). Writing a 1 to
any bit will disable that port. Note that port enable/disable actions will occur at
the next network idle period. For example, if an ADMIN_DIS bit is cleared dur-
ing an incoming packet, this port will only be enabled after the incoming packet
has finished. After reset, these bits default to zero (all ports enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com