Electronic Components Datasheet Search
  English  ▼

X  

CDC586 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDC586
Description  3.3-V PHASE-LOCK-LOOP CLOCK DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC586 Datasheet(HTML) 1 Page - Texas Instruments

  CDC586 Datasheet HTML 1Page - Texas Instruments CDC586 Datasheet HTML 2Page - Texas Instruments CDC586 Datasheet HTML 3Page - Texas Instruments CDC586 Datasheet HTML 4Page - Texas Instruments CDC586 Datasheet HTML 5Page - Texas Instruments CDC586 Datasheet HTML 6Page - Texas Instruments CDC586 Datasheet HTML 7Page - Texas Instruments CDC586 Datasheet HTML 8Page - Texas Instruments CDC586 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ti.com
FEATURES
PAH PACKAGE
(TOP VIEW)
15 16
VCC
4Y3
GND
VCC
4Y2
GND
VCC
4Y1
GND
GND
VCC
3Y3
GND
39
38
37
36
35
34
33
32
31
30
29
28
27
17
1
2
3
4
5
6
7
8
9
10
11
12
13
GND
1Y1
VCC
GND
1Y2
VCC
GND
1Y3
VCC
GND
GND
2Y1
VCC
18 19 20 21
51 50 49 48 47
52
46
44 43 42
45
22 23 24 25 26
41 40
14
NC – No internal connection
DESCRIPTION
CDC586
SCAS336E – FEBRUARY 1993 – REVISED APRIL 2004
3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
•
Application for Synchronous DRAM,
High-Speed Microprocessor
•
Low Output Skew for Clock-Distribution
and Clock-Generation Applications
•
TTL-Compatible Inputs and Outputs
•
Operates at 3.3-V VCC
•
Outputs Drive Parallel 50-
Ω Terminated
Transmission Lines
•
Distributes One Clock Input to 12
Outputs
•
State-of-the-Art EPIC-IIB™ BiCMOS Design
Significantly Reduces Power Dissipation
•
Two Select Inputs Configure Up to Nine
Outputs to Operate at One-Half or Double
•
Distributed VCC and Ground Pins Reduce
the Input Frequency
Switching Noise
•
No External RC Network Required
•
Packaged in 52-Pin Thin Quad Flat Package
•
External Feedback Pin (FBIN) Is Used to
Synchronize the Outputs to the Clock Input
The CDC586 is a high-performance, low-skew, low-jitter clock driver. It uses a phase-lock loop (PLL) to precisely
align, in both frequency and phase, the clock output signals to the clock input (CLKIN) signal. It is specifically
designed for use with popular microprocessors operating at speeds from 50 MHz to 100 MHz or down to 25 MHz
on outputs configured as half-frequency outputs. The CDC586 operates at 3.3-V VCC and is designed to drive a
properly terminated 50-W transmission line.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC-IIB is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1993–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDC586

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC586 TI-CDC586 Datasheet
166Kb / 12P
3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC586PAH TI-CDC586PAH Datasheet
166Kb / 12P
3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CDC586

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2510A TI-CDC2510A Datasheet
308Kb / 13P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com