Electronic Components Datasheet Search
  English  ▼

X  

CDC586 Datasheet(PDF) 13 Page - Texas Instruments

Part # CDC586
Description  3.3-V PHASE-LOCK-LOOP CLOCK DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC586 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDC586 Datasheet HTML 6Page - Texas Instruments CDC586 Datasheet HTML 7Page - Texas Instruments CDC586 Datasheet HTML 8Page - Texas Instruments CDC586 Datasheet HTML 9Page - Texas Instruments CDC586 Datasheet HTML 10Page - Texas Instruments CDC586 Datasheet HTML 11Page - Texas Instruments CDC586 Datasheet HTML 12Page - Texas Instruments CDC586 Datasheet HTML 13Page - Texas Instruments CDC586 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MECHANICAL DATA
MTQF005A – OCTOBER 1994 – REVISED DECEMBER 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PAH (S-PQFP-G52)
PLASTIC QUAD FLATPACK
0,13 NOM
0,25
0,45
0,75
0,05 MIN
Seating Plane
4040281 / C 11/96
Gage Plane
27
0,22
0,38
13
39
1
7,80 TYP
40
52
SQ
9,80
1,05
0,95
11,80
12,20
1,20 MAX
10,20
SQ
26
14
0,10
0,65
M
0,13
0
°–7°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com