Electronic Components Datasheet Search
  English  ▼

X  

CDC925 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDC925
Description  133MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC925 Datasheet(HTML) 1 Page - Texas Instruments

  CDC925 Datasheet HTML 1Page - Texas Instruments CDC925 Datasheet HTML 2Page - Texas Instruments CDC925 Datasheet HTML 3Page - Texas Instruments CDC925 Datasheet HTML 4Page - Texas Instruments CDC925 Datasheet HTML 5Page - Texas Instruments CDC925 Datasheet HTML 6Page - Texas Instruments CDC925 Datasheet HTML 7Page - Texas Instruments CDC925 Datasheet HTML 8Page - Texas Instruments CDC925 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
CDC925
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
WITH 3-STATE OUTPUTS
SCAS633 – JULY 28, 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Supports Pentium III™ Class Motherboards
D Uses a 14.318-MHz Crystal Input to
Generate Multiple Output Frequencies
D Includes Spread Spectrum Clocking (SSC),
0.34% Downspread for Reduced EMI
Performance
D Power Management Control Terminals
D Low Output Skew and Jitter for Clock
Distribution
D 2.5-V and 3.3-V Supplies
D Generates the Following Clocks:
– 4 CPU (2.5 V, 100/133 MHz)
– 7 PCI (3.3 V, 33.3 MHz)
– 1 PCI_F (Free Running, 3.3 V, 33.3 MHz)
– 2 CPU/2 (2.5 V, 50/66 MHz)
– 3 APIC (2.5 V, 16.67 MHz)
– 4 3V66 (3.3 V, 66 MHz)
– 2 REF (3.3 V, 14.318 MHz)
– 1 48MHz (3.3 V, 48 MHz)
D Packaged in 56-Pin SSOP Package
D Designed for Use with TI’s Direct Rambus™
Clock Generators (CDCR81, CDCR82,
CDCR83)
description
The CDC925 is a clock synthesizer/driver that
generates system clocks necessary to support
Intel Pentium III systems on CPU, CPU_DIV2,
3V66, PCI, APIC, 48MHz, and REF clock signals.
All output frequencies are generated from a
14.318-MHz crystal input. A reference clock input instead of a crystal can be provided at the XIN input. Two
phase-locked loops (PLLs) are used, one to generate the host frequencies and the other to generate the 48-MHz
clock frequency. On-chip loop filters and internal feedback loops eliminate the need for external components.
The host and PCI clock outputs provide low-skew and low-jitter clock signals for reliable clock operation. All
outputs have 3-state capability, which can be selected via control inputs SEL0, SEL1, and SEL133/100.
The outputs are either 3.3-V or 2.5-V single-ended CMOS buffers. With a logic high-level on the PWR_DWN
terminal, the device operates normally, but when a logical low-level input is applied, the device powers down
completely, with the outputs in a low-level output state. When a high-level is applied to the PCI_STOP or
CPU_STOP, the outputs operate normally. With a low-level applied to the PCI_STOP or CPU_STOP terminals,
the PCI or CPU and 3V66 outputs, respectively, are held in a low-level state.
The CPU bus can operate at 100 MHz or 133 MHz. Output frequency selection is done with corresponding
setting for SEL133/100 control input. The PCI bus frequency is fixed to 33MHz.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
GND
REF0
REF1
VDD3.3V
XIN
XOUT
GND
PCI_F
PCI1
VDD3.3V
PCI2
PCI3
GND
PCI4
PCI5
VDD3.3V
PCI6
PCI7
GND
GND
3V66(0)
3V66(1)
VDD3.3V
GND
3V66(2)
3V66(3)
VDD3.3V
SEL133/100
VDD2.5V
APIC2
APIC1
APIC0
GND
VDD2.5V
CPU_DIV2(1)
CPU_DIV2(0)
GND
VDD2.5V
CPU3
CPU2
GND
VDD2.5V
CPU1
CPU0
GND
VDD3.3V
GND
PCI_STOP
CPU_STOP
PWR_DWN
SPREAD
SEL1
SEL0
VDD3.3V
48MHz
GND
DL PACKAGE
(TOP VIEW)
Intel and Pentium III are trademarks of Intel Corporation.
Direct Rambus and Rambus are trademarks of Rambus Inc.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - CDC925

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC925 TI-CDC925 Datasheet
253Kb / 18P
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC925 TI-CDC925 Datasheet
182Kb / 13P
DIRECT RAMBUSE CLOCK GENERATOR
CDC925DL TI-CDC925DL Datasheet
253Kb / 18P
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
More results

Similar Description - CDC925

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC921 TI-CDC921 Datasheet
235Kb / 17P
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC922 TI-CDC922 Datasheet
239Kb / 17P
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC924 TI-CDC924 Datasheet
250Kb / 18P
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC925 TI-CDC925 Datasheet
253Kb / 18P
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
RC7106 FAIRCHILD-RC7106 Datasheet
815Kb / 16P
133MHz Spread Spectrum Clock for Motherboards
logo
Texas Instruments
CDC950 TI-CDC950 Datasheet
262Kb / 16P
133-MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS/SERVERS
CDC930 TI-CDC930 Datasheet
363Kb / 17P
133-MHz DIFFERENTIAL CLOCK SYNTHESIZER / DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
logo
Integrated Device Techn...
ICS843S104I-133 IDT-ICS843S104I-133 Datasheet
1Mb / 24P
Crystal-to-LVPECL 133MHz Clock Synthesizer
logo
Texas Instruments
CDC922 TI1-CDC922_06 Datasheet
254Kb / 18P
133MHz CLOCK SYNTHESIZER/DRIVER
CDC924 TI1-CDC924_08 Datasheet
462Kb / 21P
133Mhz Clock Synthesizer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com