Electronic Components Datasheet Search
  English  ▼

X  

CDC925 Datasheet(PDF) 13 Page - Texas Instruments

Part # CDC925
Description  133MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC925 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDC925 Datasheet HTML 9Page - Texas Instruments CDC925 Datasheet HTML 10Page - Texas Instruments CDC925 Datasheet HTML 11Page - Texas Instruments CDC925 Datasheet HTML 12Page - Texas Instruments CDC925 Datasheet HTML 13Page - Texas Instruments CDC925 Datasheet HTML 14Page - Texas Instruments CDC925 Datasheet HTML 15Page - Texas Instruments CDC925 Datasheet HTML 16Page - Texas Instruments CDC925 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
CDC925
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
WITH 3-STATE OUTPUTS
SCAS633 – JULY 28, 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics, VDD = 3.135 V to 3.465 V, TA = 0°C to 85°C (continued)
PCI, PCI_F
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ten1
Output enable time
SEL133/100
PCIx
f(PCI) = 33 MHz
6
10
ns
tdis1
Output disable time
SEL133/100
PCIx
f(PCI) = 33 MHz
8
10
ns
tc
PCIx clock period†
f(PCI) = 33 MHz
30
30.12
30.5
ns
Cycle to cycle jitter
f(CPU) = 100 or 133 MHz
300
ps
Duty cycle
f(PCI) = 33 MHz
45
55
%
tsk(o)
PCIx bus skew
PCIx
PCIx
f(PCI) = 33 MHz
70
300
ps
tsk(p)
PCIx pulse skew
PCIn
PCIn
f(PCI) = 33 MHz
4
ns
t(off)
PCIx clock to 3V66 clock offset
–1.2
–3
ns
tw1
Pulse duration width, high
f(PCI) = 33 MHz
12
ns
tw2
Pulse duration width, low
f(PCI) = 33 MHz
12
ns
tr
Rise time
VO = 0.4 V to 2 V
0.5
1.6
2
ns
tf
Fall time
VO = 0.4 V to 2 V
0.5
1.5
2
ns
† The average over any 1-
µs period of time is greater than the minimum specified period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com