Electronic Components Datasheet Search
  English  ▼

X  

ACD2204 Datasheet(PDF) 11 Page - ANADIGICS, Inc

Part # ACD2204
Description  CATV/TV/Video Downconverter with Dual Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACD2204 Datasheet(HTML) 11 Page - ANADIGICS, Inc

Back Button ACD2204 Datasheet HTML 7Page - ANADIGICS, Inc ACD2204 Datasheet HTML 8Page - ANADIGICS, Inc ACD2204 Datasheet HTML 9Page - ANADIGICS, Inc ACD2204 Datasheet HTML 10Page - ANADIGICS, Inc ACD2204 Datasheet HTML 11Page - ANADIGICS, Inc ACD2204 Datasheet HTML 12Page - ANADIGICS, Inc ACD2204 Datasheet HTML 13Page - ANADIGICS, Inc ACD2204 Datasheet HTML 14Page - ANADIGICS, Inc ACD2204 Datasheet HTML 15Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
PRELIMINARY DATA SHEET - Rev 1.0
04/2003
11
ACD2204
2
2
1
2
0
2
9
1
8
1
7
1
6
1
5
1
4
1
3
1
2
1
1
1
0
1
9
8
7
6
5
4
3
2
1
e
d
o
M
m
a
r
g
o
r
Pr
e
t
n
u
o
C
R
r
e
d
i
v
i
D
e
c
n
e
r
e
f
e
Rt
c
e
l
e
S
D
5
D
4
D
3
D
2
D
1
R
5
1
R
4
1
R
3
1
R
2
1
R
1
1
R
0
1
R
9
R
8
R
7
R
6
R
5
R
4
R
3
R
2
R
1
S
2
S
1
0000
1
00000000
1
00000000
000000000000000
1
0000
1
0
2
2
1
2
0
2
9
1
8
1
7
1
6
1
5
1
4
1
3
1
2
1
1
1
0
1
9
8
7
6
5
4
3
2
1
m
a
r
g
o
r
P
e
d
o
M
r
e
t
n
u
o
C
B
r
e
d
i
v
i
D
n
i
a
Mr
e
t
n
u
o
C
A
r
e
d
i
v
i
D
n
i
a
Mt
c
e
l
e
S
C
2
C
1
B
1
1
B
0
1
B
9
B
8
B
7
B
6
B
5
B
4
B
3
B
2
B
1
A
7
A
6
A
5
A
4
A
3
A
2
A
1
S
2
S
1
0
0
00
1
00000
1
0
0
0
1
00000
0
1
0
0
0000
11
000
11
0
0
0
1
1
0
0
1
1
LSB
MSB
LSB
MSB
For the up converter, the 4 MHz crystal oscillator frequency and the 250 KHz phase detector comparison
frequency are used to yield RPLL1 = 4 MHz / 250 KHz = 16, and so the bit values for the up converter R counter
are RPLL1 = 000000000010000.
Calculation of Main Divider Values
The values for the A and B counters are determined by the desired VCO output frequency for the local
oscillator and the phase detector comparison frequency:
N = f
VCO / f PD
B = trunc(N / P)
A = N - (B x P)
The down converter local oscillator frequency will be 1087.75 MHz - 45.75 MHz = 1042 MHz in this example.
The main divider ratio for the down converter, then, is NPLL2 = 1042 MHz / 62.5 KHz = 16672. Since P = 64 in the
ACD2204, BPLL2 = trunc(16672 / 64) = 260, and APLL2 = 16672 - (260 x 64) = 32. These results give bit values
of BPLL2 = 00100000100 and APLL2 = 0100000 for the B and A counters.
The up converter local oscillator frequency will be 499.25 MHz + 1087.75 MHz = 1587 MHz in this example.
Therefore, NPLL1 = 1587 MHz / 250 KHz = 6348, BPLL1 = trunc(6348 / 64) = 99, and APLL1 = 6348 - (99 x 64) = 12.
These results give bit values of BPLL1 = 00001100011 and APLL1 = 0001100 for the B and A counters.
Phase Detector Polarity
Assuming the VCO for the up converter has a negative slope, the phase detector polarity for PLL1 should be
negative, and D1PLL1 = 1. If the VCO for the down converter has a positive slope, the phase detector polarity for
PLL2 should be positive, and D1PLL2 = 0.
In summary, for this example, the four register programming words are shown in Tables 16 and 17:
Table 16: PLL1 and PLL2 Reference Divider Register Bits
for Synthesizer Programming Example
Table 17: PLL1 and PLL2 Main Divider Register Bits
for Synthesizer Programming Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com