Electronic Components Datasheet Search
  English  ▼

X  

ACD2204 Datasheet(PDF) 14 Page - ANADIGICS, Inc

Part # ACD2204
Description  CATV/TV/Video Downconverter with Dual Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACD2204 Datasheet(HTML) 14 Page - ANADIGICS, Inc

Back Button ACD2204 Datasheet HTML 10Page - ANADIGICS, Inc ACD2204 Datasheet HTML 11Page - ANADIGICS, Inc ACD2204 Datasheet HTML 12Page - ANADIGICS, Inc ACD2204 Datasheet HTML 13Page - ANADIGICS, Inc ACD2204 Datasheet HTML 14Page - ANADIGICS, Inc ACD2204 Datasheet HTML 15Page - ANADIGICS, Inc ACD2204 Datasheet HTML 16Page - ANADIGICS, Inc ACD2204 Datasheet HTML 17Page - ANADIGICS, Inc ACD2204 Datasheet HTML 18Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
PRELIMINARY DATA SHEET - Rev 1.0
04/2003
ACD2204
#
M
E
T
I
E
U
L
A
V
E
Z
I
S
N
O
I
T
P
I
R
C
S
E
D
#
T
R
A
P
Y
T
Q
R
O
D
N
E
V
,
2
C
,
1
C
0
2
C
F
p
0
0
13
0
6
0r
o
ti
c
a
p
a
c
-
p
i
h
C
V
0
5
J
1
0
1
G
O
C
9
3
M
R
G
3
a
t
a
r
u
M
3
CF
p
93
0
6
0r
o
ti
c
a
p
a
c
-
p
i
h
C
V
0
5
C
0
9
0
G
O
C
9
3
M
R
G
1
a
t
a
r
u
M
8
C
,
7
CF
p
0
33
0
6
0r
o
ti
c
a
p
a
c
-
p
i
h
C
V
0
5
J
0
0
3
G
O
C
9
3
M
R
G
2
a
t
a
r
u
M
2
1
CF
u
0
2
2A
V
V
0
1
s
e
ir
e
S
r
o
ti
c
a
p
a
C
D
N
-
T
C
0
4
0
2
E
C
P
1
Y
E
K
-I
G
I
D
,
1
1
C
,
9
C
,
1
2
C
,
4
1
C
2
2
C
F
u
1
.3
0
6
0r
o
ti
c
a
p
a
c
-
p
i
h
C
V
6
1
Z
4
0
1
V
5
Y
9
3
M
R
G
5
a
t
a
r
u
M
3
2
C
,
0
1
CF
p
0
0
0
13
0
6
0r
o
ti
c
a
p
a
c
-
p
i
h
C
V
0
5
K
2
0
1
R
7
X
9
3
M
R
G
2
a
t
a
r
u
M
7
1
C
,
5
1
CF
p
0
0
7
43
0
6
0r
o
ti
c
a
p
a
c
-
p
i
h
C
V
5
2
K
2
7
4
R
7
X
9
3
M
R
G
2
a
t
a
r
u
M
6
1
CF
u
13
0
6
0d
a
e
l-
l
a
i
d
a
R
r
o
ti
c
a
p
a
c
-
p
i
h
C
0
5
0
-
K
-
5
0
1
-
R
7
X
-
3
1
1
E
P
R
1
a
t
a
r
u
M
8
1
CF
u
1
0
.3
0
6
0r
o
ti
c
a
p
a
c
-
p
i
h
C
V
5
2
K
3
0
1
R
7
X
9
3
M
R
G
1
a
t
a
r
u
M
9
1
CF
u
0
1V
5
3
T
N
A
T
.
p
a
C
s
e
ir
e
S
E
T
D
N
-
T
C
6
0
1
6
S
C
P
1
Y
E
K
-I
G
I
D
4
2
CF
p
5
13
0
6
0r
o
ti
c
a
p
a
c
-
p
i
h
C
V
0
5
J
0
5
1
G
O
C
9
3
M
R
G
1
a
t
a
r
u
M
3
1
CF
p
0
0
6
53
0
6
0r
o
ti
c
a
p
a
c
-
p
i
h
C
V
0
5
K
2
6
5
R
7
X
9
3
M
R
G
1
a
t
a
r
u
M
,
5
C
,
4
C
6
C
F
p
3
33
0
6
0r
o
ti
c
a
p
a
c
-
p
i
h
C
V
0
5
J
0
3
3
G
O
C
9
3
M
R
G
3
a
t
a
r
u
M
8
R1
53
0
6
0r
o
t
s
i
s
e
R
p
i
h
C
0
1
5
J
Y
S
G
3
-
J
R
E
1
c
i
n
o
s
a
n
a
P
5
RK
0
13
0
6
0r
o
t
s
i
s
e
R
p
i
h
C
3
0
1
J
Y
S
G
3
-
J
R
E
1
c
i
n
o
s
a
n
a
P
4
R
,
3
R
,
2
RK
23
0
6
0r
o
t
s
i
s
e
R
p
i
h
C
2
0
2
J
Y
S
G
3
-
J
R
E
3
c
i
n
o
s
a
n
a
P
2
1
RK
13
0
6
0r
o
t
s
i
s
e
R
p
i
h
C
2
0
1
J
Y
S
G
3
-
J
R
E
1
c
i
n
o
s
a
n
a
P
1
1
RK
7
.
23
0
6
0r
o
t
s
i
s
e
R
p
i
h
C
2
7
2
J
Y
S
G
3
-
J
R
E
1
c
i
n
o
s
a
n
a
P
7
RK
33
0
6
0r
o
t
s
i
s
e
R
p
i
h
C
2
0
3
J
Y
S
G
3
-
J
R
E
1
c
i
n
o
s
a
n
a
P
3
1
RK
2
23
0
6
0r
o
t
s
i
s
e
R
p
i
h
C
3
2
2
J
Y
S
G
3
-
J
R
E
1
c
i
n
o
s
a
n
a
P
0
1
RK
2
.
83
0
6
0r
o
t
s
i
s
e
R
p
i
h
C
2
2
8
J
Y
S
G
3
-
J
R
E
1
c
i
n
o
s
a
n
a
P
Table 20: Evaluation Fixture Parts List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com