Electronic Components Datasheet Search
  English  ▼

X  

CDCF2509 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCF2509
Description  3.3V Phase-Lock Loop Clock Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCF2509 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCF2509 Datasheet HTML 2Page - Texas Instruments CDCF2509 Datasheet HTML 3Page - Texas Instruments CDCF2509 Datasheet HTML 4Page - Texas Instruments CDCF2509 Datasheet HTML 5Page - Texas Instruments CDCF2509 Datasheet HTML 6Page - Texas Instruments CDCF2509 Datasheet HTML 7Page - Texas Instruments CDCF2509 Datasheet HTML 8Page - Texas Instruments CDCF2509 Datasheet HTML 9Page - Texas Instruments CDCF2509 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CDCF2509
3.3V PHASELOCK LOOP CLOCK DRIVER
SCAS624C − APRIL 1999 − REVISED DECEMBER 2004
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
LOAD CIRCUIT FOR OUTPUTS
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
tpd
50% VCC
3 V
0 V
VOH
VOL
Input
0.4 V
2 V
tr
tf
0.4 V
2 V
Output
500
W
50% VCC
25 pF
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 133 MHz, ZO = 50 Ω, tr ≤ 1.2 ns, tf ≤ 1.2 ns.
C. The outputs are measured one at a time with one transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms
tsk(o)
tsk(o)
tphase error
CLKIN
FBIN
Any Y
Any Y
Any Y
FBOUT
Figure 2. Phase Error and Skew Calculations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com