Electronic Components Datasheet Search
  English  ▼

X  

CDCF2509 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCF2509
Description  3.3V Phase-Lock Loop Clock Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCF2509 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCF2509 Datasheet HTML 3Page - Texas Instruments CDCF2509 Datasheet HTML 4Page - Texas Instruments CDCF2509 Datasheet HTML 5Page - Texas Instruments CDCF2509 Datasheet HTML 6Page - Texas Instruments CDCF2509 Datasheet HTML 7Page - Texas Instruments CDCF2509 Datasheet HTML 8Page - Texas Instruments CDCF2509 Datasheet HTML 9Page - Texas Instruments CDCF2509 Datasheet HTML 10Page - Texas Instruments CDCF2509 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CDCF2509
3.3V PHASELOCK LOOP CLOCK DRIVER
SCAS624C − APRIL 1999 − REVISED DECEMBER 2004
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0
5
10
15
20
25
30
35
40
45
50
C(LF) − Load Capacitance − pF
10
0
−10
−20
20
−30
−40
100
0
−300
200
−400
Phase Error
Phase Adjustment Slope
−100
−200
VCC = 3.3 V
fc = 133 MHz
C(LY) = 25 pF
C(LF) = 12 pF
TA = 25°C
See Notes A and B
PHASE ADJUSTMENT SLOPE AND PHASE ERROR
vs
LOAD CAPACITANCE
Figure 3
NOTES: A. Trace feedback length FBOUT to FBIN = 5 mm, ZO = 50 Ω, phase error measured from CLK to Yn
B. C(LF) = Lumped feedback capacitance at FBIN
Figure 4
PHASE ERROR
vs
CLOCK FREQUENCY
50
60
70
80
90
100 110
120
fc − Clock Frequency − MHz
−100
−150
−250
−300
−350
−400
−200
−50
0
−450
−500
VCC = 3.3 V
C(LY) = 25 pF
C(LF) = 12 pF
TA = 25°C
See Note A
130
140
Figure 5
PHASE ERROR
vs
SUPPLY VOLTAGE
−100
−150
−250
−300
−350
−400
−200
3.1
3.2
3.3
3.4
3.5
−50
0
−450
−500
VCC − Supply Voltage − V
3.6
3
fc = 133 MHz
C(LY) = 25 pF
C(LF) = 12 pF
TA = 25°C
See Note A
NOTE A: Trace feedback length FBOUT to FBIN = 5 mm, ZO = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com