Electronic Components Datasheet Search
  English  ▼

X  

CDCFR83 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDCFR83
Description  Direct Rambus Clock generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCFR83 Datasheet(HTML) 4 Page - Texas Instruments

  CDCFR83 Datasheet HTML 1Page - Texas Instruments CDCFR83 Datasheet HTML 2Page - Texas Instruments CDCFR83 Datasheet HTML 3Page - Texas Instruments CDCFR83 Datasheet HTML 4Page - Texas Instruments CDCFR83 Datasheet HTML 5Page - Texas Instruments CDCFR83 Datasheet HTML 6Page - Texas Instruments CDCFR83 Datasheet HTML 7Page - Texas Instruments CDCFR83 Datasheet HTML 8Page - Texas Instruments CDCFR83 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CDCFR83
DIRECT RAMBUS CLOCK GENERATOR
SCAS665B − APRIL 2001 REVISED OCTOBER 2005
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PLL divider selection
Table 1 lists the supported REFCLK and BUSCLK frequencies. Other REFCLK frequencies are permitted,
provided that (267 MHz < BUSCLK < 533 MHz) and (33 MHz < REFCLK < 100 MHz).
Table 1. REFCLK and BUSCLK Frequencies
MULT0
MULT1
REFCLK
(MHz)
MULTIPLY
RATIO
BUSCLK
(MHz)
0
0
67
4
267
0
1
50
6
300
0
1
67
6
400
1
1
33
8
267
1
1
50
8
400
1
1
67
8
533
1
0
67
16/3
356
Table 2. Clock Output Driver States
STATE
PWRDNB
STOPB
CLK
CLKB
Powerdown
0
X
GND
GND
CLK stop
1
0
VX, STOP
VX, STOP
Normal
1
1
PACLK/PLLCLK/
REFCLK†
PACLKB/PLLCLKB/
REFCLKB
† Depending on the state of S0, S1, and S2
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage range, VDD (see Note 1)
−0.5 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO, at any output terminal
−0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range,VI, at any input terminal
−0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
see Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to the GND terminals.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C‡
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
DBQ
1400 mW
11 mW/
°C
905 mW
740 mW
‡ This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com