Electronic Components Datasheet Search
  English  ▼

X  

CDCFR83 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CDCFR83
Description  Direct Rambus Clock generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCFR83 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDCFR83 Datasheet HTML 7Page - Texas Instruments CDCFR83 Datasheet HTML 8Page - Texas Instruments CDCFR83 Datasheet HTML 9Page - Texas Instruments CDCFR83 Datasheet HTML 10Page - Texas Instruments CDCFR83 Datasheet HTML 11Page - Texas Instruments CDCFR83 Datasheet HTML 12Page - Texas Instruments CDCFR83 Datasheet HTML 13Page - Texas Instruments CDCFR83 Datasheet HTML 14Page - Texas Instruments CDCFR83 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CDCFR83
DIRECT RAMBUS CLOCK GENERATOR
SCAS665B − APRIL 2001 REVISED OCTOBER 2005
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
DBQ (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
Gage Plane
0.008 (0,20) NOM
0.010 (0,25)
0.016 (0,40)
0.035 (0,89)
24
20
Seating Plane
(8,74)
(8,56)
0.337
0.337
(8,56)
(8,74)
0.344
0.344
4073301/C 02/97
13
0.150 (3,81)
0.157 (3,99)
0.012 (0,30)
0.008 (0,20)
12
A
24-PIN SHOWN
1
24
16
DIM
PINS **
A MIN
A MAX
0.004 (0,10)
0.010 (0,25)
0.069 (1,75) MAX
0.244 (6,20)
0.228 (5,80)
0.197
(5,00)
(4,78)
0.188
0.004 (0,10)
M
0.005 (0,13)
0.025 (0,64)
0
°−8°
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
D. Falls within JEDEC MO-137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com