Electronic Components Datasheet Search
  English  ▼

X  

AD628AR Datasheet(PDF) 8 Page - Analog Devices

Part # AD628AR
Description  High Common-Mode Voltage Programmable Gain Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD628AR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD628AR Datasheet HTML 4Page - Analog Devices AD628AR Datasheet HTML 5Page - Analog Devices AD628AR Datasheet HTML 6Page - Analog Devices AD628AR Datasheet HTML 7Page - Analog Devices AD628AR Datasheet HTML 8Page - Analog Devices AD628AR Datasheet HTML 9Page - Analog Devices AD628AR Datasheet HTML 10Page - Analog Devices AD628AR Datasheet HTML 11Page - Analog Devices AD628AR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD628
Rev. C | Page 8 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
+IN
–VS
VREF
CFILT
–IN
+VS
RG
OUT
AD628
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Function
1
+IN
Noninverting Input
2
−VS
Negative Supply Voltage
3
VREF
Reference Voltage Input
4
CFILT
Filter Capacitor Connection
5
OUT
Amplifier Output
6
RG
Output Amplifier Inverting Input
7
+VS
Positive Supply Voltage
8
−IN
Inverting Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com