Electronic Components Datasheet Search
  English  ▼

X  

AD628AR Datasheet(PDF) 17 Page - Analog Devices

Part # AD628AR
Description  High Common-Mode Voltage Programmable Gain Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD628AR Datasheet(HTML) 17 Page - Analog Devices

Back Button AD628AR Datasheet HTML 12Page - Analog Devices AD628AR Datasheet HTML 13Page - Analog Devices AD628AR Datasheet HTML 14Page - Analog Devices AD628AR Datasheet HTML 15Page - Analog Devices AD628AR Datasheet HTML 16Page - Analog Devices AD628AR Datasheet HTML 17Page - Analog Devices AD628AR Datasheet HTML 18Page - Analog Devices AD628AR Datasheet HTML 19Page - Analog Devices AD628AR Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD628
Rev. C | Page 17 of 20
CURRENT LOOP RECEIVER
Analog data transmitted on a 4 to 20 mA current loop may be
detected with the receiver shown in Figure 33. The AD628 is an
ideal choice for such a function, because the current loop must
be driven with a compliance voltage sufficient to stabilize the
loop, and the resultant common-mode voltage often exceeds
commonly used supply voltages. Note that with large shunt
values a resistance of equal value must be inserted in series with
the inverting input to compensate for an error at the
noninverting input.
MONITORING BATTERY VOLTAGES
Figure 34 illustrates how the AD628 may be used to monitor a
battery charger. Voltages approximately eight times the power
supply voltage may be applied to the input with no damage. The
resistor divider action is well suited for the measurement of
many power supply applications, such as those found in battery
chargers or similar equipment.
+IN
–IN
G = +0.1
10k
Ω
10k
Ω
AD628
+IN
–IN
A2
+VS
OUT
–IN
250
Ω
250
Ω
100k
Ω
A1
+15V
+IN
100k
Ω
CFILT
–VS
–15V
VREF
10k
Ω
REXT2
11k
Ω
REXT1
100k
Ω
2.5V
REF
0V TO 5V
TO ADC
4–20mA
SOURCE
RG
Figure 33. Level Shifter for 4 to 20 mA Current Loop
+IN
–IN
G = +0.1
10k
Ω
A1
–IN
100k
Ω
+VS
5V
VREF
–VS
+IN
–IN
A2
OUT
AD628
100k
Ω
10k
Ω
OTHER
BATTERIES IN
CHARGING
CIRCUIT
CHARGING
CIRCUIT
+1.5V
BATTERY
10k
Ω
+IN
nVBAT(V)
REXT1
10k
Ω
0V TO 5V
TO ADC
CFILT
RG
Figure 34. Battery Voltage Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com