Electronic Components Datasheet Search
  English  ▼

X  

AD5172 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5172
Description  256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5172 Datasheet(HTML) 1 Page - Analog Devices

  AD5172 Datasheet HTML 1Page - Analog Devices AD5172 Datasheet HTML 2Page - Analog Devices AD5172 Datasheet HTML 3Page - Analog Devices AD5172 Datasheet HTML 4Page - Analog Devices AD5172 Datasheet HTML 5Page - Analog Devices AD5172 Datasheet HTML 6Page - Analog Devices AD5172 Datasheet HTML 7Page - Analog Devices AD5172 Datasheet HTML 8Page - Analog Devices AD5172 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
256-Position One-Time Programmable
Dual-Channel I2C Digital Potentiometers
AD5172/AD5173
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
2-channel, 256-position
OTP (one-time programmable) set-and-forget resistance
setting, low cost alternative to EEMEM
Unlimited adjustments prior to OTP activation
OTP overwrite allows dynamic adjustments with user
defined preset
End-to-end resistance: 2.5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ
Compact MSOP-10 (3 mm × 4.9 mm) package
Fast settling time: tS = 5 µs typ in power-up
Full read/write of wiper register
Power-on preset to midscale
Extra package address decode pins AD0 and AD1 (AD5173)
Single supply 2.7 V to 5.5 V
Low temperature coefficient: 35 ppm/°C
Low power, IDD = 6 µA max
Wide operating temperature: –40°C to +125°C
Evaluation board and software are available
Software replaces µC in factory programming applications
APPLICATIONS
Systems calibration
Electronics level setting
Mechanical Trimmers® replacement in new designs
Permanent factory PCB setting
Transducer adjustment of pressure, temperature, position,
chemical, and optical sensors
RF amplifier biasing
Automotive electronics adjustment
Gain control and offset adjustment
GENERAL OVERVIEW
The AD5172/AD5173 are dual channel, 256-position, one-time
programmable (OTP) digital potentiometers1 that employ fuse
link technology to achieve memory retention of resistance
setting. OTP is a cost-effective alternative to EEMEM for users
who do not need to program the digital potentiometer setting in
memory more than once. This device performs the same elec-
tronic adjustment function as mechanical potentiometers or
variable resistors with enhanced resolution, solid-state reliabil-
ity, and superior low temperature coefficient performance.
The AD5172/AD5173 are programmed using a 2-wire, I2C
compatible digital interface. Unlimited adjustments are allowed
before permanently setting the resistance value. During OTP
activation, a permanent blow fuse command freezes the wiper
position (analogous to placing epoxy on a mechanical trimmer).
FUNCTIONAL BLOCK DIAGRAMS
A1
VDD
GND
SDA
SCL
W1
RDAC
REGISTER 1
SERIAL INPUT
REGISTER
B1
A2
W2
RDAC
REGISTER 2
B2
FUSE
LINKS
12
/
8
Figure 1. AD5172
VDD
GND
SDA
SCL
AD0
AD1
W1
RDAC
REGISTER 1
ADDRESS
DECODE
SERIAL INPUT
REGISTER
B1
W2
RDAC
REGISTER 2
B2
FUSE
LINKS
12
/ 8
Figure 2. AD5173
Unlike traditional OTP digital potentiometers, the AD5172/
AD5173 have a unique temporary OTP overwrite feature that
allows for new adjustments even after the fuse has been blown.
However, the OTP setting is restored during subsequent power-
up conditions. This feature allows users to treat these digital
potentiometers as volatile potentiometers with a programmable
preset.
For applications that program the AD5172/AD5173 at the
factory, Analog Devices offers device programming software
running on Windows® NT®, 2000, and XP® operating systems.
This software effectively replaces any external I2C controllers,
thus enhancing the time-to-market of the user’s systems.
1The terms digital potentiometer, VR, and RDAC are used interchangeably.


Similar Part No. - AD5172

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5172 AD-AD5172 Datasheet
1Mb / 22P
256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. J
AD5172BRM10 AD-AD5172BRM10 Datasheet
864Kb / 24P
256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
AD5172BRM10-RL7 AD-AD5172BRM10-RL7 Datasheet
864Kb / 24P
256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
AD5172BRM100 AD-AD5172BRM100 Datasheet
864Kb / 24P
256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
AD5172BRM2.5 AD-AD5172BRM2.5 Datasheet
864Kb / 24P
256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
More results

Similar Description - AD5172

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5170 AD-AD5170 Datasheet
900Kb / 24P
256-Position Two-Time Programmable I2C Digital Potentiometer
11/04-Data Sheet Changed from Rev. 0 to Rev. A
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
I2C Compatible 256-Position Digital Potentiometers
8/02-Data Sheet changed from REV. A to REV. B.
AD5252 AD-AD5252 Datasheet
859Kb / 28P
Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
6/04-Revision 0
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5173BRMZ2.5 AD-AD5173BRMZ2.5 Datasheet
864Kb / 24P
256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
Dual, 256-Position, I2C-Compatible Digital Potentiometers
4/16-Rev. B to Rev. C
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
Dual, 256-Position, I2C-Compatible Digital Potentiometers
4/16-Rev. B to Rev. C
AD5251 AD-AD5251 Datasheet
566Kb / 28P
Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
11/2017-Rev. D to Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com