Electronic Components Datasheet Search
  English  ▼

X  

AD5172 Datasheet(PDF) 24 Page - Analog Devices

Part # AD5172
Description  256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5172 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5172 Datasheet HTML 16Page - Analog Devices AD5172 Datasheet HTML 17Page - Analog Devices AD5172 Datasheet HTML 18Page - Analog Devices AD5172 Datasheet HTML 19Page - Analog Devices AD5172 Datasheet HTML 20Page - Analog Devices AD5172 Datasheet HTML 21Page - Analog Devices AD5172 Datasheet HTML 22Page - Analog Devices AD5172 Datasheet HTML 23Page - Analog Devices AD5172 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD5172/AD5173
Rev. A | Page 24 of 24
ORDERING GUIDE
Model
RAB (kΩ)
Temperature Range
Package Description
Package Option
Branding
AD5172BRM2.5
2.5
–40°C to +125°C
MSOP-10
RM-10
D0U
AD5172BRM2.5-RL7
2.5
–40°C to +125°C
MSOP-10
RM-10
D0U
AD5172BRM10
10
–40°C to +125°C
MSOP-10
RM-10
D0V
AD5172BRM10-RL7
10
–40°C to +125°C
MSOP-10
RM-10
D0V
AD5172BRM50
50
–40°C to +125°C
MSOP-10
RM-10
D10
AD5172BRM50-RL7
50
–40°C to +125°C
MSOP-10
RM-10
D10
AD5172BRM100
100
–40°C to +125°C
MSOP-10
RM-10
D11
AD5172BRM100-RL7
100
–40°C to +125°C
MSOP-10
RM-10
D11
AD5172EVAL1
Evaluation Board
AD5173BRM2.5
2.5
–40°C to +125°C
MSOP-10
RM-10
D1K
AD5173BRM2.5-RL7
2.5
–40°C to +125°C
MSOP-10
RM-10
D1K
AD5173BRM10
10
–40°C to +125°C
MSOP-10
RM-10
D1L
AD5173BRM10-RL7
10
–40°C to +125°C
MSOP-10
RM-10
D1L
AD5173BRM50
50
–40°C to +125°C
MSOP-10
RM-10
D1M
AD5173BRM50-RL7
50
–40°C to +125°C
MSOP-10
RM-10
D1M
AD5173BRM100
100
–40°C to +125°C
MSOP-10
RM-10
D1N
AD5173BRM100-RL7
100
–40°C to +125°C
MSOP-10
RM-10
D1N
AD5173EVAL1
Evaluation Board
1 The evaluation board is shipped with the 10 kΩ RAB resistor option; however, the board is compatible with all available resistor value options.
Purchase of licensed I2C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the Philips I2C Patent
Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
© 2003 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C04103–0–11/03(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com