Electronic Components Datasheet Search
  English  ▼

X  

DRV593VFPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DRV593VFPR
Description  3?묨 HIGH?묮FFICIENCY PWM POWER DRIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV593VFPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button DRV593VFPR Datasheet HTML 12Page - Texas Instruments DRV593VFPR Datasheet HTML 13Page - Texas Instruments DRV593VFPR Datasheet HTML 14Page - Texas Instruments DRV593VFPR Datasheet HTML 15Page - Texas Instruments DRV593VFPR Datasheet HTML 16Page - Texas Instruments DRV593VFPR Datasheet HTML 17Page - Texas Instruments DRV593VFPR Datasheet HTML 18Page - Texas Instruments DRV593VFPR Datasheet HTML 19Page - Texas Instruments DRV593VFPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
V
O +
V
OUT)
–V
OUT– +
Av VIN)–VIN–
DRV593
DRV594
SLOS401C – OCTOBER 2002 – REVISED JULY 2010
www.ti.com
For a 100 mF electrolytic capacitor, an ESR of 0.1 Ω is common. If the 10 µH inductor is used, delivering 250 mA
of ripple current to the capacitor (as calculated above), then the ripple voltage is 25 mV. This is over ten times
that of the 10 mF ceramic capacitor, as ceramic capacitors typically have negligible ESR.
SWITCHING FREQUENCY CONFIGURATION: OSCILLATOR COMPONENTS ROSC and COSC AND
FREQ OPERATION
The onboard ramp generator requires an external resistor and capacitor to set the oscillation frequency. The
frequency may be either 500 kHz or 100 kHz by selecting the proper capacitor value and by holding the FREQ
pin either low (500 kHz) or high (100 kHz). Table 2 shows the values required and FREQ pin configuration for
each switching frequency.
Table 2. Frequency Configuration Options
SWITCHING FREQUENCY
ROSC
COSC
FREQ
500 kHz
120 k
Ω
220 pF
LOW (GND)
100 kHz
120 k
Ω
1 nF
HIGH (VDD)
For proper operation, the resistor ROSC should have 1% tolerance while capacitor COSC should be a ceramic type
with 10% tolerance. Both components should be grounded to AGND, which should be connected to PGND at a
single point, typically where power and ground are physically connected to the printed-circuit board.
EXTERNAL CLOCKING OPERATION
To synchronize the switching to an external clock signal, pull the INT/EXT terminal low, and drive the clock signal
into the COSC terminal. This clock signal must be from 10% to 90% duty cycle and meet the voltage
requirements specified in the electrical specifications table. Since the DRV593 and DRV594 include an internal
frequency doubler, the external clock signal must be approximately 250 kHz. Deviations from the 250 kHz clock
frequency are allowed and are specified in the electrical characteristic table. The resistor connected from ROSC
to ground may be omitted from the circuit in this mode of operation—the source is disconnected internally.
INPUT CONFIGURATION: DIFFERENTIAL AND SINGLE-ENDED
If a differential input is used, it should be biased around the midrail of the DRV593 or DRV594 and must not
exceed the common-mode input range of the input stage (see the operating characteristics at the beginning of
the data sheet).
The most common configuration employs a single-ended input. The unused input should be tied to VDD/2, which
may be simply accomplished with a resistive voltage divider. For the best performance, the resistor values
chosen should be at least 100 times lower than the input resistance of the DRV593 or DRV594. This prevents
the bias voltage at the unused input from shifting when the signal input is applied. A small ceramic capacitor
should also be placed from the input to ground to filter noise and keep the voltage stable. An op amp configured
as a buffer may also be used to set the voltage at the unused input.
FIXED INTERNAL GAIN
The differential output voltage may be calculated using Equation 10:
(10)
AV is the voltage gain, which is fixed internally at 2.3 V/V for DRV593 and 14.5 V/V for DRV594. The maximum
and minimum ratings are provided in the electrical specification table at the beginning of the data sheet.
POWER SUPPLY DECOUPLING
To reduce the effects of high-frequency transients or spikes, a small ceramic capacitor, typically 0.1 mF to 1 mF,
should be placed as close to each set of PVDD pins of the DRV593 and DRV594 as possible. For bulk
decoupling, a 10 mF to 100 mF tantalum or aluminum electrolytic capacitor should be placed relatively close to
the DRV593 and DRV594.
16
Submit Documentation Feedback
Copyright © 2002–2010, Texas Instruments Incorporated
Product Folder Link(s): DRV593 DRV594



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com