Electronic Components Datasheet Search
  English  ▼

X  

DRV593VFPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV593VFPR
Description  3?묨 HIGH?묮FFICIENCY PWM POWER DRIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV593VFPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV593VFPR Datasheet HTML 3Page - Texas Instruments DRV593VFPR Datasheet HTML 4Page - Texas Instruments DRV593VFPR Datasheet HTML 5Page - Texas Instruments DRV593VFPR Datasheet HTML 6Page - Texas Instruments DRV593VFPR Datasheet HTML 7Page - Texas Instruments DRV593VFPR Datasheet HTML 8Page - Texas Instruments DRV593VFPR Datasheet HTML 9Page - Texas Instruments DRV593VFPR Datasheet HTML 10Page - Texas Instruments DRV593VFPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Total
−40
−15
10
35
60
85
Low Side
High Side
VDD = 5 V
IO = 1 A
VFP Package
TA − Free-Air Temperature − °C
0
50
100
150
200
250
300
0
50
100
150
200
250
300
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Total
Low Side
High Side
IO = 1 A
TA = 25°C
VDD − Supply Voltage − V
0
50
100
150
200
250
300
−40
−15
10
35
60
85
Total
Low Side
High Side
VDD = 3.3 V
IO = 1 A
VFP Package
TA − Free-Air Temperature − °C
0
1
2
3
4
5
6
7
8
9
10
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VDD − Supply Voltage − V
No Load
DRV593
DRV594
www.ti.com
SLOS401C – OCTOBER 2002 – REVISED JULY 2010
DRAIN-SOURCE ON-STATE RESISTANCE
DRAIN-SOURCE ON-STATE RESISTANCE
vs
vs
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
Figure 4.
Figure 5.
DRAIN-SOURCE ON-STATE RESISTANCE
SUPPLY CURRENT
vs
vs
FREE-AIR TEMPERATURE
SUPPLY VOLTAGE
Figure 6.
Figure 7.
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DRV593 DRV594



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com