Electronic Components Datasheet Search
  English  ▼

X  

BAV16W Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # BAV16W
Description  FAST SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

BAV16W Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  BAV16W Datasheet HTML 1Page - Tiger Electronic Co.,Ltd BAV16W Datasheet HTML 2Page - Tiger Electronic Co.,Ltd BAV16W Datasheet HTML 3Page - Tiger Electronic Co.,Ltd BAV16W Datasheet HTML 4Page - Tiger Electronic Co.,Ltd BAV16W Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical Characteristics
04
8
12
16
20
0.6
0.8
1.0
1.2
1.4
1.6
0
25
50
75
100
125
150
0
100
200
300
400
500
0.0
0.4
0.8
1.2
1.6
0.1
1
10
100
0
2040
6080
100
1
10
100
1000
10000
T
a
=25℃
f=1MHz
Capacitance Characteristics
REVERSE VOLTAGE
V
R
(V)
1N4148W
Power Derating Curve
AMBIENT TEMPERATURE
T
a
(
)
℃
BAV16W
0.3
3
30
300
3
30
300
3000
Forward
Characteristics
FORWARD VOLTAGE
V
F
(V)
Reverse
Characteristics
T
a
=100℃
T
a
=25℃
REVERSE VOLTAGE
V
R
(V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com