Electronic Components Datasheet Search
  English  ▼

X  

BAV16W Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # BAV16W
Description  FAST SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

BAV16W Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  BAV16W Datasheet HTML 1Page - Tiger Electronic Co.,Ltd BAV16W Datasheet HTML 2Page - Tiger Electronic Co.,Ltd BAV16W Datasheet HTML 3Page - Tiger Electronic Co.,Ltd BAV16W Datasheet HTML 4Page - Tiger Electronic Co.,Ltd BAV16W Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SOD-
123 Plastic-Encapsulate Diodes
SOD-123
The marking bar indicates the cathode
Solid dot = Green molding compound device,if none,the normal device.
BAV16W/1N4148W FAST SWITCHING DIODE
FEATURES
Fast Switching Speed
Surface Mount Package Ideally Suited for Automatic Insertion
For General Purpose Switching Applications
High Conductance
MARKING: T6,T4
T4
T4
1N4148W
T6
T6
Maximum Ratings and Electrical Characteristics, Single Diode @Ta=25
℃
Parameter
Symbol
Limit
Unit
Non-Repetitive Peak
Reverse Voltage
VRM
100
V
Peak Repetitive Peak
Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
RMS Reverse Voltage
VR(RMS)
71
V
Forward Continuous Current
IFM
300
mA
Average Rectified Output Current
IO
150
mA
Forward Surge Current @t=8.3ms
IFSM
2.0
A
Power Dissipation
Pd
350
mW
Thermal Resistance
from Junction
to Ambient
RθJA
250
℃/W
Junction
Temperature
Tj
15
0
℃
Storage
Temperature
TSTG
-
55~+150
℃
BAV16W
Non-Repetitive Peak
1N4148W
BAV16W
400
TIGER ELECTRONIC CO.,LTD


Similar Part No. - BAV16W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV16W PANJIT-BAV16W Datasheet
54Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Won-Top Electronics
BAV16W WTE-BAV16W Datasheet
41Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
BAV16W DIODES-BAV16W Datasheet
63Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30086 Rev. 7 - 2
logo
Formosa MS
BAV16W FORMOSA-BAV16W Datasheet
116Kb / 2P
SOD-123 Plastic-Encapsulate Dio des
logo
Diodes Incorporated
BAV16W DIODES-BAV16W Datasheet
88Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30086 Rev. 17 - 2
More results

Similar Description - BAV16W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4151 DIODES-1N4151 Datasheet
49Kb / 1P
FAST SWITCHING DIODE
DS12014 Rev. F-2
logo
Vishay Siliconix
LL4148 VISHAY-LL4148_04 Datasheet
111Kb / 4P
Fast Switching Diode
06-Feb-04
logo
Chenmko Enterprise Co. ...
LL4150PT CHENMKO-LL4150PT Datasheet
121Kb / 2P
FAST SWITCHING DIODE
logo
GOOD-ARK Electronics
LS4154 GOOD-ARK-LS4154 Datasheet
103Kb / 2P
Fast Switching Diode
logo
Infineon Technologies A...
IDP12E120 INFINEON-IDP12E120 Datasheet
545Kb / 8P
Fast Switching Diode
Rev.2.3 2009-08-19
IDP30E120 INFINEON-IDP30E120_09 Datasheet
665Kb / 8P
Fast Switching Diode
Rev.2.3 2009-08-19
IDP30E60 INFINEON-IDP30E60_09 Datasheet
701Kb / 8P
Fast Switching Diode
Rev.2.4 2009-09-28
SIDC02D60F6 INFINEON-SIDC02D60F6_10 Datasheet
108Kb / 4P
Fast switching diode
Edition 2.1, 09.03.2010
SIDC112D170H INFINEON-SIDC112D170H Datasheet
112Kb / 4P
Fast switching diode
Edition 0.9, 22.02.2010
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com