Electronic Components Datasheet Search
  English  ▼

X  

CDCM1802 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM1802
Description  CDCM1802 Clock Buffer With Programmable Divider, LVPECL I/O Additional LVCMOS Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM1802 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDCM1802 Datasheet HTML 7Page - Texas Instruments CDCM1802 Datasheet HTML 8Page - Texas Instruments CDCM1802 Datasheet HTML 9Page - Texas Instruments CDCM1802 Datasheet HTML 10Page - Texas Instruments CDCM1802 Datasheet HTML 11Page - Texas Instruments CDCM1802 Datasheet HTML 12Page - Texas Instruments CDCM1802 Datasheet HTML 13Page - Texas Instruments CDCM1802 Datasheet HTML 14Page - Texas Instruments CDCM1802 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Div 1
Div 2
Div 4
Div 8
Bias Generator
VDD t 1.3 V
(imax < 1.5 mA)
Control
LVPECL
LVCMOS
IN
IN
VBB
S0
S1
Y1
Y0
Y0
EN
CDCM1802
www.ti.com
SCAS759B – APRIL 2004 – REVISED NOVEMBER 2015
8 Detailed Description
8.1 Overview
The CDCM1802 is a clock buffer with a programmable divider. There is one LVCMOS and one LVPECL output.
The LVCMOS output is specifically designed for driving 50-
Ω transmission lines. It is delayed by 1.6 ns over the
PECL output stage to minimize noise impact during signal transitions. Both outputs can be divided individually by
1, 2, 4, and 8. Divider settings can be selected with three 3-level control pins.
8.2 Functional Block Diagram
8.3 Feature Description
The CDCM1802 has two control pins, S0 and S1, to select different output mode settings. The S[1:0] pins are 3-
level inputs. Additionally, an enable pin EN is provided to disable or enable all outputs simultaneously. For single-
ended driver applications, the CDCM1802 provides a VBB output pin that can be directly connected to the
unused input as a common-mode voltage reference.
8.4 Device Functional Modes
8.4.1 Control Pin Settings
The CDCM1802 has three control pins, S0, S1, and the enable pin (EN) to select different output mode settings.
All three inputs (S0, S1, EN) are 3-level inputs. In addition, the EN input allows disabling all outputs and place
them into a Hi-Z (or tristate) output state when pulled to GND.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: CDCM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com