Electronic Components Datasheet Search
  English  ▼

X  

CDCM1802 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM1802
Description  CDCM1802 Clock Buffer With Programmable Divider, LVPECL I/O Additional LVCMOS Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM1802 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDCM1802 Datasheet HTML 8Page - Texas Instruments CDCM1802 Datasheet HTML 9Page - Texas Instruments CDCM1802 Datasheet HTML 10Page - Texas Instruments CDCM1802 Datasheet HTML 11Page - Texas Instruments CDCM1802 Datasheet HTML 12Page - Texas Instruments CDCM1802 Datasheet HTML 13Page - Texas Instruments CDCM1802 Datasheet HTML 14Page - Texas Instruments CDCM1802 Datasheet HTML 15Page - Texas Instruments CDCM1802 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
CDCM1802
S0
S1
EN
REN = 60lQ
RS1 = 0
RS0 = open
Setting for Mode 4:
EN = VDD/2
S1 = 0
S0 = 1
CDCM1802
SCAS759B – APRIL 2004 – REVISED NOVEMBER 2015
www.ti.com
Device Functional Modes (continued)
Figure 11. Control Pin Setting for Example
Each control input incorporates a 60-k
Ω pullup resistor. Thus, it is easy to choose the input setting by designing
a resistor pad between the control input and GND. To choose a logic zero, the resistor value must be zero.
Setting the input high requires leaving the resistor pad empty (no resistor installed). For setting the input to
VDD/2, the installed resistor needs a value of 60 kΩ with a tolerance better or equal to 10%.
Table 1. Selection Mode Table
LVPECL(1)
LVCMOS
MODE
EN
S1
S0
Y0
Y1
0
0
X
X
Off (high-z)
Off (high-z)
1
VDD/2
0
VDD/2
/1
/1
2
VDD/2
VDD/2
1
/1
/2
3
1
0
0
/1
/4
4
VDD/2
0
1
/2
/2
5
1
0
1
/2
/4
6
VDD/2
0
0
/4
/4
7
VDD/2
1
0
/4
/8
8
VDD/2
VDD/2
VDD/2
/8
/1
9
1
1
0
/8
/4
10
1
1
1
Off (high-z)
/4
(1)
The LVPECL outputs are open emitter stages. Thus, if you leave the unused LVPECL output Y0
unconnected, then the current consumption is minimized and noise impact to remaining outputs is
neglectable. Also, each output can be individually disabled by connecting the corresponding VDD input
to GND.
8.4.2 Device Behavior During RESET and Control Pin Switching
8.4.2.1 Output Behavior When Enabling the Device (EN = 0
→ 1)
In disable mode (EN = 0), all output drivers are switched in high-Z mode. The bandgap, current references, the
amplifier, and the S0 and S1 control inputs are also switched off. In the same mode, all flip-flops will be reset.
The typical current consumption is likely below 500 µA (to be measured).
When the device will be enabled again it takes maximal 1 µs for the settling of the reference voltage and
currents. During this time the output Y0 and Y0 drive a high signal. Y1 is unknown (could be high or low). After
the settle time, the outputs go into the low state. Due to the synchronization of each output driver signal with the
input clock, the state of the waveforms after enabling the device look like those shown in Figure 12. The inverting
input and output signal is not included. The Y:/1 waveform is the undivided output driver state.
12
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: CDCM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com