Electronic Components Datasheet Search
  English  ▼

X  

AD7782 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7782
Description  Read Only, Pin Configured 24-Bit ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7782 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7782 Datasheet HTML 3Page - Analog Devices AD7782 Datasheet HTML 4Page - Analog Devices AD7782 Datasheet HTML 5Page - Analog Devices AD7782 Datasheet HTML 6Page - Analog Devices AD7782 Datasheet HTML 7Page - Analog Devices AD7782 Datasheet HTML 8Page - Analog Devices AD7782 Datasheet HTML 9Page - Analog Devices AD7782 Datasheet HTML 10Page - Analog Devices AD7782 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. 0
AD7782
–7–
Typical Performance Characteristics
8
7
0
6
5
4
3
2
1
9
TPC 1. Noise Distribution Histogram
ADC CIRCUIT INFORMATION
Overview
The AD7782 incorporates an analog multiplexer with a
Σ-∆ ADC
channel, on-chip programmable gain amplifier, and on-chip digital
filtering intended for the measurement of wide dynamic range,
low-frequency signals such as those in weigh-scale, strain-gage,
pressure transducer, or temperature measurement applications.
This ADC input is buffered and can be programmed to have an
input voltage range of
±160 mV or ±2.56 V. The input channels
are configured as two fully differential inputs. Buffering the input
channels means that the part can accommodate significant source
impedances on the analog inputs and that R, C filtering (for
noise rejection or RFI reduction) can be placed on the analog
inputs if required. The device requires an external reference of
+2.5 V nominal. Figure 3 shows the basic connections required
to operate the part.
AD7782
REFIN(+)
REFIN(–)
AIN1(–)
AIN1(+)
AIN2(–)
AIN2(+)
XTAL1
XTAL2
VDD
DOUT/
RDY
CS
SCLK
GND
POWER
SUPPLY
10 F
0.1 F
CONTROLLER
32.768kHz
CRYSTAL
6k
10k
IN–
OUT+
OUT–
IN+
Figure 3. Basic Connection Diagram
The output rate of the AD7782 (fADC) equals:
fADC =×
× ×
()
32 768
10
69
8
3
3
./
while the settling time equals:
t
f
t
SETTLE
ADC
ADC
=


=×
2
2
Normal-mode rejection is the major function of the digital filter on
the AD7782. Simultaneous 50 Hz and 60 Hz rejection of better
than 60 dB is achieved as notches are placed at both 50 Hz and
60 Hz. Figure 4 shows the filter rejection.
FREQUENCY – Hz
0
0
10
406080
100
–40
–80
–120
–140
–160
–20
–60
–100
20
30
50
70
90
OUTPUT DATA RATE = 19.8Hz
INPUT BANDWIDTH = 4.74Hz
50Hz REJECTION = –66dB, 50Hz
1Hz REJECTION = –60dB
60Hz REJECTION = –117dB, 60Hz
1Hz REJECTION = –94dB
Figure 4. Filter Profile (Filter Notches at
Both 50 Hz and 60 Hz)
2.5
0
1.0
3.0
2.5
2.0
1.5
3.5
5.0
4.5
4.0
2.0
1.5
1.0
0.5
3.0
VREF – V
160mV RANGE
2.56V RANGE
VDD = 5V
VREF = 2.5V
TA = 25 C
TPC 2. RMS Noise vs. Reference Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com