Electronic Components Datasheet Search
  English  ▼

X  

AD7782 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7782
Description  Read Only, Pin Configured 24-Bit ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7782 Datasheet(HTML) 1 Page - Analog Devices

  AD7782 Datasheet HTML 1Page - Analog Devices AD7782 Datasheet HTML 2Page - Analog Devices AD7782 Datasheet HTML 3Page - Analog Devices AD7782 Datasheet HTML 4Page - Analog Devices AD7782 Datasheet HTML 5Page - Analog Devices AD7782 Datasheet HTML 6Page - Analog Devices AD7782 Datasheet HTML 7Page - Analog Devices AD7782 Datasheet HTML 8Page - Analog Devices AD7782 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD7782
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
Read Only, Pin Configured
24-Bit - ADC
FEATURES
2-Channel, 24-Bit
-
ADC
Pin Configurable (No Programmable Registers)
Pin Selectable Input Channels
Pin Programmable Input Ranges ( 2.56 V or
160 mV)
Fixed 19.79 Hz Update Rate
Simultaneous 50 Hz and 60 Hz Rejection
24-Bit No Missing Codes
18.5-Bit p-p Resolution ( 2.56 V Range)
16.5-Bit p-p Resolution ( 160 mV Range)
INTERFACE
Master or Slave Mode of Operation
Slave Mode
3-Wire Serial
SPI™, QSPI™, MICROWIRE™, and DSP-Compatible
Schmitt Trigger on SCLK
POWER
Specified for Single 3 V and 5 V Operation
Normal: 1.3 mA @ 3 V
Power-Down: 9
A
ON-CHIP FUNCTIONS
Rail-Rail Input Buffer and PGA
APPLICATIONS
Sensor Measurement
Industrial Process Control
Temperature Measurement
Pressure Measurements
Weigh Scales
Portable Instrumentation
GENERAL DESCRIPTION
The AD7782 is a complete analog front end for low-frequency
measurement applications. The 24-bit sigma-delta ADC contains
two fully differential analog input channels that can be config-
ured with a gain of 1 or 16 allowing full-scale input signal ranges
of
±2.56 V or ± 160 mV from a +2.5 V differential reference
input.
The AD7782 has an extremely simple, read-only digital interface
which can be operated in master mode or slave mode. There are
no on-chip registers to be programmed. The input signal range
and input channel selection are configured using two external pins.
SPI and QSPI are trademarks of Motorola Inc.
MICROWIRE is a trademark of National Semiconductor Corporation.
FUNCTIONAL BLOCK DIAGRAM
AIN1(+)
AIN1(–)
AIN2(+)
AIN2(–)
CH1/CH2
RANGE
AD7782
VDD
GND
BUF
PGA
REFIN(–)
REFIN(+)
MUX
24-BIT
-
ADC
OSCILLATOR
AND
PLL
DOUT/
RDY
SCLK
MODE
XTAL1 XTAL2
SERIAL
INTERFACE
AND
CONTROL
LOGIC
CS
BASIC CONNECTION DIAGRAM
AD7782
REFIN(+)
REFIN(–)
AIN1(–)
AIN1(+)
AIN2(–)
AIN2(+)
XTAL1
VDD
DOUT/
RDY
CS
SCLK
XTAL2
GND
REFERENCE
INPUT
ANALOG
INPUT
ANALOG
INPUT
POWER SUPPLY
32.768kHz
CRYSTAL
DIGITAL
INTERFACE
The device operates from a 32.768 kHz crystal with an on-chip PLL
generating the required internal operating frequency. The output
data rate from the part is fixed via the master clock at 19.79 Hz and
provides simultaneous 50 Hz and 60 Hz rejection at this update
rate. Eighteen-bit p-p resolution can be obtained at this update rate.
The part operates from a single 3 V or 5 V supply. When operating
from 3 V supplies, the power dissipation for the part is 3.9 mW.
The AD7782 is available in a 16-lead TSSOP package.
Another part in the AD778x family is the AD7783. It is similar
to the AD7782 except it has two integrated current sources and
only one differential input channel.


Similar Part No. - AD7782

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7782 AD-AD7782 Datasheet
638Kb / 13P
Read Only, Pin Configured 24-Bit ADC
23-Feb-2017
AD7782BRU-REEL AD-AD7782BRU-REEL Datasheet
638Kb / 13P
Read Only, Pin Configured 24-Bit ADC
23-Feb-2017
AD7782BRUZ AD-AD7782BRUZ Datasheet
638Kb / 13P
Read Only, Pin Configured 24-Bit ADC
23-Feb-2017
AD7782BRUZ-REEL AD-AD7782BRUZ-REEL Datasheet
638Kb / 13P
Read Only, Pin Configured 24-Bit ADC
23-Feb-2017
AD7782BRUZ-REEL7 AD-AD7782BRUZ-REEL7 Datasheet
638Kb / 13P
Read Only, Pin Configured 24-Bit ADC
23-Feb-2017
More results

Similar Description - AD7782

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C240 TI-TMS27C240 Datasheet
190Kb / 15P
16-BIT PROGRAMMABLE READ-ONLY MEMORIES
logo
Analog Devices
AD7783 AD-AD7783 Datasheet
217Kb / 12P
Read-Only, Pin Configured 24-Bit ADC with Excitation Current Sources
8/04-Data Sheet Changed from REV. A to REV. B.
logo
Texas Instruments
TMS27C010A-12JL TI1-TMS27C010A-12JL Datasheet
185Kb / 13P
8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256JL TI1-TMS27C256JL Datasheet
196Kb / 13P
8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-12JL TI1-TMS27C240-12JL Datasheet
203Kb / 15P
16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-15JL TI1-TMS27C240-15JL Datasheet
203Kb / 15P
16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256-20JL TI1-TMS27C256-20JL Datasheet
196Kb / 13P
8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C512-150JL TI1-TMS27C512-150JL Datasheet
198Kb / 13P
8-BIT PROGRAMMABLE READ-ONLY MEMORIES
logo
Analog Devices
AD7782 AD-AD7782_17 Datasheet
638Kb / 13P
Read Only, Pin Configured 24-Bit ADC
23-Feb-2017
AD7783 AD-AD7783_17 Datasheet
318Kb / 13P
Read-Only, Pin Configured 24-Bit ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com