Electronic Components Datasheet Search
  English  ▼

X  

AD7912 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7912
Description  2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7912 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7912 Datasheet HTML 15Page - Analog Devices AD7912 Datasheet HTML 16Page - Analog Devices AD7912 Datasheet HTML 17Page - Analog Devices AD7912 Datasheet HTML 18Page - Analog Devices AD7912 Datasheet HTML 19Page - Analog Devices AD7912 Datasheet HTML 20Page - Analog Devices AD7912 Datasheet HTML 21Page - Analog Devices AD7912 Datasheet HTML 22Page - Analog Devices AD7912 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD7912/AD7922
Rev. 0 | Page 19 of 32
CS
1
10
12
14
16
1
10
12
14
16
AD7912/AD7922
SCLK
DIN
DOUT
CHANNEL FOR NEXT CONVERSION
CHANNEL FOR NEXT CONVERSION
CONVERSION RESULT
CONVERSION RESULT
Figure 26. Normal Mode Operation
THE PART ENTERS
DAISY-CHAIN MODE
1
2
10
12
16
INVALID DATA
THREE-STATE
INVALID DATA
THREE-STATE
SCLK
CS
DIN
DOUT
Figure 27. Entering Daisy-Chain Mode
INVALID DATA
THREE-STATE
INVALID DATA
THREE-STATE
1
CS
SCLK
DIN
DOUT
210
16
Figure 28. Entering Power- Down Mode
110
THE PART BEGINS
TO POWER UP
THE PART GOES
INTO TRACK
THE PART IS FULLY
POWERED UP WITH VIN
FULLY ACQUIRED
5
A
16
1
16
SCLK
CS
DIN
CHANNEL FOR NEXT CONVERSION
CHANNEL FOR NEXT CONVERSION
DOUT
INVALID DATA
CONVERSION RESULT
NORMAL MODE
13
Figure 29. Exiting Power-Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com