Electronic Components Datasheet Search
  English  ▼

X  

AD7912 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7912
Description  2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7912 Datasheet(HTML) 4 Page - Analog Devices

  AD7912 Datasheet HTML 1Page - Analog Devices AD7912 Datasheet HTML 2Page - Analog Devices AD7912 Datasheet HTML 3Page - Analog Devices AD7912 Datasheet HTML 4Page - Analog Devices AD7912 Datasheet HTML 5Page - Analog Devices AD7912 Datasheet HTML 6Page - Analog Devices AD7912 Datasheet HTML 7Page - Analog Devices AD7912 Datasheet HTML 8Page - Analog Devices AD7912 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD7912/AD7922
Rev. 0 | Page 4 of 32
Parameter
A Grade1
Unit
Test Conditions/Comments
CONVERSION RATE
Conversion Time
777
ns max
14 SCLK cycles with SCLK at 18 MHz
Track-and-Hold Acquisition Time2
290
ns max
Throughput Rate
1
MSPS max
POWER REQUIREMENTS
VDD
2.35/5.25
V min/max
IDD
Digital I/Ps = 0 V or VDD
Normal Mode (Static)
3
mA typ
VDD = 4.75 V to 5.25 V, SCLK on or off
1.5
mA typ
VDD = 2.35 V to 3.6 V, SCLK on or off
Normal Mode (Operational)
4
mA max
VDD = 4.75 V to 5.25 V, fSAMPLE = 1 MSPS
2
mA max
VDD = 2.35 V to 3.6 V, fSAMPLE = 1 MSPS
Full Power-Down Mode (Static)
1
µA max
SCLK on or off, typically 50 nA
Full Power-Down Mode (Dynamic)
0.48
mA typ
VDD = 5 V, fSCLK = 18 MHz, fSAMPLE = 100 kSPS
0.26
mA typ
VDD = 3 V, fSCLK = 18 MHz, fSAMPLE = 100 kSPS
Power Dissipation4
Normal Mode (Operational)
20
mW max
VDD = 5 V, fSAMPLE = 1 MSPS
6
mW max
VDD = 3 V, fSAMPLE = 1 MSPS
Full Power-Down
5
µW max
VDD = 5 V
1 Operational from VDD = 2 V, with VIH = 1.9 V minimum and VIL = 0.1 V maximum.
2 See the Terminology section.
3 Guaranteed by characterization.
4 See the Power vs. Throughput Rate section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com