Electronic Components Datasheet Search
  English  ▼

X  

AD7994 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7994
Description  4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7994 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7994 Datasheet HTML 9Page - Analog Devices AD7994 Datasheet HTML 10Page - Analog Devices AD7994 Datasheet HTML 11Page - Analog Devices AD7994 Datasheet HTML 12Page - Analog Devices AD7994 Datasheet HTML 13Page - Analog Devices AD7994 Datasheet HTML 14Page - Analog Devices AD7994 Datasheet HTML 15Page - Analog Devices AD7994 Datasheet HTML 16Page - Analog Devices AD7994 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
AD7994/AD7993
–13–
REV. PrF
PRELIMINARYTECHNICAL DATA
CIRCUIT INFORMATION
The AD7994/AD7993 are fast, low-power, 12-/10-bit,
single supply, 4 Channel A/D converters respectively. The
parts can be operated from a 2.7 V to 5.5 V supply.
The AD7994/AD7993 provide the user with a 4-channel
multiplexer, an on-chip track/hold, A/D converter, an on-
chip oscillator, internal data registers and an I
2C compat-
ible serial interface, all housed in a 16-lead TSSOP
package, which offers the user considerable space saving
advantages over alternative solutions. An external reference
is required by the AD7994/AD7993, and this reference can
be in the range of 1.2 V to VDD.
The AD7994/AD7993 will normally remain in a power-
down state while not converting. When supplies are first
applied the part will come up in a shutdown state. Power-
up is intitiated prior to a conversion and the device returns
to power-down upon completion of the conversion. Con-
versions can be initiated on the AD7994/AD7993 by either
pulsing the
CONVST signal, using an automatic cycling
mode or using a mode where wake-up and conversion oc-
cur during the write function ( see modes of Operation
section). On completion of a conversion the AD7994/
AD7993 will enter shutdown mode again. This automatic
shutdown feature allows power saving between conversions.
This means any read or write operations across the I
2C
interface can occur while the device is in shut-down.
ADC TRANSFER FUNCTION
The output coding of the AD7994/AD7993 is straight
binary. The designed code transitions occur at successive
integer LSB values (i.e., 1LSB, 2LSBs, etc.). The LSB
size for the AD7994 is = REFIN/4096 and REFIN/256 for
the AD7993 . The ideal transfer characteristic for the
AD7994/AD7993 is shown in Figure 4 below.
CONVERTER OPERATION
The AD7994/AD7993 are successive approximation ana-
log-to-digital converters based around a capacitive DAC.
Figures 2 and 3 show simplified schematics of the ADC
during its acquisition and conversion phase respectively.
Figure 2 shows the ADC during its acquisition phase.
SW2 is closed and SW1 is in position A, the comparator
is held in a balanced condition and the sampling capacitor
acquires the signal on VINX.
When the ADC starts a conversion, see Figure 3, SW2
will open and SW1 will move to position B causing the
comparator to become unbalanced. The input is discon-
nected once the conversion begins. The Control Logic
and the Capacitive DAC are used to add and subtract
fixed amounts of charge from the sampling capacitor to
bring the comparator back into a balanced condition.
When the comparator is rebalanced the conversion is com-
plete. The Control Logic generates the ADC output code.
Figure 4 shows the ADC transfer function.
Figure 2. ADC Acquisition Phase
Figure 3. ADC Conversion Phase
Figure 4. AD7994/AD7993 Transfer Characteristic
TYPICAL CONNECTION DIAGRAM
Figure 5 shows the typical connection diagram for the
AD7994/AD7993. In Figure 5 the Address Select pin,
AS, is tied to VDD, however AS can also be either tied to
GND or left floating, allowing the user to select up to
three AD7994/AD7993 devices on the same serial bus. An
external reference must be applied to the AD7994/
AD7993. This reference can be in the range of 1.2 V to
VDD. A precision reference like the REF 19X family,
ADR421, ADR03, ADR381 can be used to supply the
Reference Voltage to the ADC.
SDA and SCL form the two-wire I2C/SMBus compatible
interface. External Pull-up resistors should be added to
the SDA and SCL bus lines.
The AD7994-0/AD7993-0 support Standard and Fast I
2C
Interface Modes. While the AD7994-1/AD7993-1 support
Standard, Fast and High-speed I
2C Interface Modes.
Therefore if operating the AD7994/AD7993 in either
Standard or Fast Mode, up to five AD7994/AD7993 de-
vices (3 x AD7994-0/AD7993-0 and 2 x AD7994-1/
AD7993-1 or 3 x AD7994-1/AD7993-1 and 2 x AD7994-
0/AD7993-0) can be connected to the bus. When operat-
ing in Hs-Mode then up to three AD7994-1/AD7993-1
devices can be connected to the bus.
Wake-up from power-down prior to a conversion is ap-
proximately 1µs while conversion time is approximately
2µs. The AD7994/AD7993 enters power-down mode
again after each conversion, this will be useful in applica-
tions where power consumption is of concern.
CAPACITIVE
DAC
V IN
COMPARATOR
CONTROL
LOGIC
SW1
A
B
SW2
AGND
CAPACITIVE
DAC
V IN
COMPARATOR
CONTROL
LOGIC
SW1
A
B
SW2
AGND
000...000
ANALOG INPUT
0 V TO REFIN
111...111
000...001
000...010
111...110
111...000
011...111
AGND +1 LSB
+REFIN -1LSB
AD7994 1 LSB = REFIN/4096
AD7993 1 LSB = REFIN/256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com