Electronic Components Datasheet Search
  English  ▼

X  

AD7994 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7994
Description  4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7994 Datasheet(HTML) 3 Page - Analog Devices

  AD7994 Datasheet HTML 1Page - Analog Devices AD7994 Datasheet HTML 2Page - Analog Devices AD7994 Datasheet HTML 3Page - Analog Devices AD7994 Datasheet HTML 4Page - Analog Devices AD7994 Datasheet HTML 5Page - Analog Devices AD7994 Datasheet HTML 6Page - Analog Devices AD7994 Datasheet HTML 7Page - Analog Devices AD7994 Datasheet HTML 8Page - Analog Devices AD7994 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
–3–
REV. PrF
PRELIMINARYTECHNICAL DATA
(VDD = +2.7 V to +5.5 V, unless otherwise noted ; REFIN = 2.5 V; fSCL = 3.4 MHz unless
otherwise noted; TA = TMIN to TMAX, unless otherwise noted.)
Parameter
B Version
1
Units
Test Conditions/Comments
CONVERSION RATE
See Interface Section
Conversion
Time
2
µs typ
Track/Hold Acquisition Time
T B D
ns max
Full-Scale step input
T B D
ns max
Sine wave input <= 30 KHz
Throughput
Rate
3.4
KSPS max
Standard mode SCL = 100 kHz
13
KSPS max
Fast Mode SCL = 400 kHz
79
KSPS max
High-Speed Mode SCL =
3.4 MHz
POWER REQUIREMENTS
VDD
2.7/5.5 V
min/max
IDD
Digital Inputs = 0 V or VDD
Peak Current
T B D
µA max
Peak Current during conversion
Power Down Mode , Interface Inactive
0.2/0.6
µA max
VDD = 3 V/5 V.
Interface Active
0.05/0.2
mA max
VDD = 3 V/5 V 400 kHz SCL.
0.3/0.8
mA max
VDD = 3 V/5 V 3.4 MHz SCL.
Operating, Interface Inactive
0.06/0.15
mA max
VDD = 3 V/5 V 400 kHz SCL.
0.3/0.6
mA max
VDD = 3 V/5 V 3.4 MHz SCL.
Interface Active
0.15/0.35
mA max
VDD = 3 V/5 V 400 kHz SCL.
0.6/1.4
mA max
VDD = 3 V/5 V 3.4 MHz SCL.
NOTES
1Temperature ranges as follows: B Version: –40°C to +85°C.
2See Terminology.
3Sample tested @ +25°C to ensure compliance.
4See POWER VERSUS THROUGHPUT RATE section.
Specifications subject to change without notice.
AD7994–SPECIFICATIONS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com