Electronic Components Datasheet Search
  English  ▼

X  

AD7998 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7998
Description  8-Channel, 10- and 12-Bit ADCs with I2CCompatible
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7998 Datasheet(HTML) 5 Page - Analog Devices

  AD7998 Datasheet HTML 1Page - Analog Devices AD7998 Datasheet HTML 2Page - Analog Devices AD7998 Datasheet HTML 3Page - Analog Devices AD7998 Datasheet HTML 4Page - Analog Devices AD7998 Datasheet HTML 5Page - Analog Devices AD7998 Datasheet HTML 6Page - Analog Devices AD7998 Datasheet HTML 7Page - Analog Devices AD7998 Datasheet HTML 8Page - Analog Devices AD7998 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD7997/AD7998
Rev. 0 | Page 5 of 32
AD7998 SPECIFICATIONS
Temperature range for B version is −40°C to +85°C. Unless otherwise noted, VDD = 2.7 V to 5.5 V; REFIN = 2.5 V; For the AD7998-0, all
specifications apply for fSCL up to 400 kHz; for the AD7998-1, all specifications apply for fSCL up to 3.4 MHz, unless otherwise noted;
TA = TMIN to TMAX.
Table 2.
Parameter
B Version
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE1
FIN = 10 kHz sine wave for fSCL from 1.7 MHz to
3.4 MHz
FIN = 1 kHz sine wave for fSCL up to 400 kHz
Signal-to-Noise + Distortion (SINAD)2
70.5
dB min
Signal to Noise Ratio (SNR)2
71
dB min
Total Harmonic Distortion (THD)2
–78
dB max
Peak Harmonic or Spurious Noise (SFDR)2
–79
dB max
Intermodulation Distortion (IMD)2
fa = 10.1 kHz, fb = 9.9 kHz fSCL from 1.7 MHz to
3.4 MHz
fa = 1.1 kHz, fb = 0.9 kHz for fSCL up to 400 kHz
Second-Order Terms
–90
dB typ
Third-Order Terms
–90
dB typ
Aperture Delay2
10
ns max
Aperture Jitter2
50
ps typ
Channel-to-Channel Isolation2
–90
dB typ
FIN = 108 Hz, see the Terminology section
Full-Power Bandwidth2
11
MHz typ
@ 3 dB
2
MHz typ
@ 0.1 dB
DC ACCURACY
Resolution
12
Bits
Integral Nonlinearity1,2
±1
LSB max
±0.2
LSB typ
Differential Nonlinearity1,2
+1/–0.9
LSB max
Guaranteed no missed codes to 12 bits
±0.2
LSB typ
Offset Error2
±4
LSB max
Mode 1 (CONVST Mode)
±6
LSB max
Mode 2 (Command Mode)
Offset Error Match2
±1
LSB max
Gain Error2
±2
LSB max
Gain Error Match2
±1
LSB max
ANALOG INPUT
Input Voltage Range
0 to REFIN
V
DC Leakage Current
± 1
µA max
Input Capacitance
30
pF typ
REFERENCE INPUT
REFIN Input Voltage Range
1.2 to VDD
V min/V max
DC Leakage Current
± 1
µA max
Input Impedance
69
kΩ typ
LOGIC INPUTS (SDA, SCL)
Input High Voltage, VINH
0.7 (VDD)
V min
Input Low Voltage, VINL
0.3 (VDD)
V max
Input Leakage Current, IIN
± 1
µA max
VIN = 0 V or VDD
Input Capacitance, CIN 3
10
pF max
Input Hysteresis, VHYST
0.1 (VDD)
V min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com