Electronic Components Datasheet Search
  English  ▼

X  

AD7998 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7998
Description  8-Channel, 10- and 12-Bit ADCs with I2CCompatible
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7998 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7998 Datasheet HTML 20Page - Analog Devices AD7998 Datasheet HTML 21Page - Analog Devices AD7998 Datasheet HTML 22Page - Analog Devices AD7998 Datasheet HTML 23Page - Analog Devices AD7998 Datasheet HTML 24Page - Analog Devices AD7998 Datasheet HTML 25Page - Analog Devices AD7998 Datasheet HTML 26Page - Analog Devices AD7998 Datasheet HTML 27Page - Analog Devices AD7998 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD7997/AD7998
Rev. 0 | Page 24 of 32
WRITING TO THE AD7997/AD7998
Depending on the register being written to, there are three
different writes for the AD7997/AD7998.
WRITING TO THE ADDRESS POINTER REGISTER
FOR A SUBSEQUENT READ
In order to read from a particular register, the address pointer
register must first contain the address of that register. If it does
not, the correct address must be written to the address pointer
register by performing a single-byte write operation, as shown
in Figure 26. The write operation consists of the serial bus
address followed by the address pointer byte. No data is written
to any of the data registers. A read operation may be subsequently
performed to read the register of interest.
WRITING A SINGLE BYTE OF DATA TO THE ALERT
STATUS REGISTER OR CYCLE REGISTER
The alert status register and cycle register are both 8-bit registers,
so only one byte of data can be written to each. Writing a single
byte of data to one of these registers consists of the serial bus
write address, the chosen data register address written to the
address pointer register, followed by the data byte written to the
selected data register. See Figure 27.
WRITING TWO BYTES OF DATA TO A LIMIT,
HYSTERESIS, OR CONFIGURATION REGISTER
Each of the four limit registers are 16-bit registers, so two bytes
of data are required to write a value to any one of them. Writing
two bytes of data to one of these registers consists of the serial
bus write address, the chosen limit register address written to
the address pointer register, followed by two data bytes written
to the selected data register. See Figure 28.
If the master is write addressing the AD7997/AD7998, it can
write to more than one register without readdressing the ADC.
After the first write operation has completed for the first data
register, during the next byte the master simply writes to the
address pointer byte to select the next data register for a write
operation. This eliminates the need to readdress the device in
order to write to another data register.
SDA
START BY
MASTER
ACK. BY
AD7997/AD7998
ACK. BY
AD7997/AD7998
STOP BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
19
1
9
C4
C3
C2
P2
P1
P0
A0
A1
A2
A3
0
0
SCL
1
C1
P3
R/W
Figure 26. Writing to the Address Pointer Register to Select a Register for a Subsequent Read Operation
SDA
ACK. BY
AD7997/AD7998
11
9
9
C4
C3
C2
P2
P1
P0
R/W
A0
A1
A2
A3
0
0
SCL
1
C1
P3
91
9
D7
D6
D5
D2
D1
D0
D4
D3
FRAME 3
DATA BYTE
SCL (CONTINUED)
SDA (CONTINUED)
START BY
MASTER
ACK. BY
AD7997/AD7998
ACK. BY
AD7997/AD7998
STOP BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
Figure 27. Single-Byte Write Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com