Electronic Components Datasheet Search
  English  ▼

X  

AD8065 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8065
Description  High Performance, 145 MHz FastFET??Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8065 Datasheet HTML 4Page - Analog Devices AD8065 Datasheet HTML 5Page - Analog Devices AD8065 Datasheet HTML 6Page - Analog Devices AD8065 Datasheet HTML 7Page - Analog Devices AD8065 Datasheet HTML 8Page - Analog Devices AD8065 Datasheet HTML 9Page - Analog Devices AD8065 Datasheet HTML 10Page - Analog Devices AD8065 Datasheet HTML 11Page - Analog Devices AD8065 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD8065/AD8066
Rev. E | Page 8 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
Default Conditions: ±5 V, CL = 5 pF, RL = 1 kΩ, VOUT = 2 V p-p, Temperature = 25°C.
–6
–3
0
3
6
9
12
15
18
21
24
FREQUENCY (MHz)
1
0.1
10
100
1000
G = +10
VO = 200mV p-p
G = +5
G = +2
G = +1
Figure 4. Small Signal Frequency Response for Various Gains
–6
–4
–2
0
2
4
6
FREQUENCY (MHz)
1
0.1
10
100
1000
VO = 200mV p-p
G = +1
VS = +5V
VS = ±12V
VS = ±5V
Figure 5. Small Signal Frequency Response for Various Supplies (See Figure 42)
–5
–4
–3
–2
–1
0
1
2
FREQUENCY (MHz)
1
0.1
10
100
1000
VO = 2V p-p
G = +1
VS = ±12V
VS = ±5V
Figure 6. Large Signal Frequency Response for Various Supplies (See Figure 42)
5.9
6.0
6.1
6.2
6.3
6.4
6.5
6.6
6.7
6.8
6.9
FREQUENCY (MHz)
0.1
10
1
100
RL = 150Ω
G = +2
VOUT = 0.2V p-p
VOUT = 0.7V p-p
VOUT = 1.4V p-p
Figure 7. 0.1 dB Flatness Frequency Response (See Figure 43)
3
4
5
6
7
8
9
FREQUENCY (MHz)
1
0.1
10
100
1000
VO = 200mV p-p
G = +2
VS = ±12V
VS = ±5V
VS = +5V
Figure 8. Small Signal Frequency Response for Various Supplies (See Figure 43)
0
1
2
3
4
5
6
7
8
FREQUENCY (MHz)
1
0.1
10
100
1000
G = +2
VS = ±12V
VS = ±5V
VS = +5V
Figure 9. Large Signal Frequency Response for Various Supplies (See Figure 43)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com