Electronic Components Datasheet Search
  English  ▼

X  

AD8065 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8065
Description  High Performance, 145 MHz FastFET??Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8065 Datasheet HTML 10Page - Analog Devices AD8065 Datasheet HTML 11Page - Analog Devices AD8065 Datasheet HTML 12Page - Analog Devices AD8065 Datasheet HTML 13Page - Analog Devices AD8065 Datasheet HTML 14Page - Analog Devices AD8065 Datasheet HTML 15Page - Analog Devices AD8065 Datasheet HTML 16Page - Analog Devices AD8065 Datasheet HTML 17Page - Analog Devices AD8065 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD8065/AD8066
Rev. E | Page 14 of 28
6.25
6.30
6.35
6.40
6.45
6.50
6.55
6.60
020
–40
–20
40
60
80
TEMPERATURE (°C)
VS = ±12V
VS = +5V
VS = ±5V
Figure 40. Quiescent Supply Current vs. Temperature for Various Supply Voltages
80
85
90
95
100
105
110
115
120
125
ILOAD (mA)
10
020
30
40
VS = ±12V
VS = +5V
VS = ±5V
Figure 41. Open-Loop Gain vs. Load Current for Various Supply Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com