Electronic Components Datasheet Search
  English  ▼

X  

SNAS557 Datasheet(PDF) 17 Page - Texas Instruments

Part # SNAS557
Description  DP8570A Timer Clock Peripheral
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNAS557 Datasheet(HTML) 17 Page - Texas Instruments

Back Button SNAS557 Datasheet HTML 13Page - Texas Instruments SNAS557 Datasheet HTML 14Page - Texas Instruments SNAS557 Datasheet HTML 15Page - Texas Instruments SNAS557 Datasheet HTML 16Page - Texas Instruments SNAS557 Datasheet HTML 17Page - Texas Instruments SNAS557 Datasheet HTML 18Page - Texas Instruments SNAS557 Datasheet HTML 19Page - Texas Instruments SNAS557 Datasheet HTML 20Page - Texas Instruments SNAS557 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Functional Description (Continued)
TABLE VII RegisterCounterRAM
Addressing for DP8570A
A0-4
PS
RS
Description
(Note 1) (Note 2)
CONTROL REGISTERS
00
X
X
Main Status Register
01
0
0
Timer 0 Control Register
02
0
0
Timer 1 Control Register
03
0
0
Periodic Flag Register
04
0
0
Interrupt Routing Register
01
0
1
Real Time Mode Register
02
0
1
Output Mode Register
03
0
1
Interrupt Control Register 0
04
0
1
Interrupt Control Register 1
COUNTERS (CLOCK CALENDAR)
05
0
X
1100 110 Seconds (0 – 99)
06
0
X
Seconds
(0 – 59)
07
0
X
Minutes
(0 – 59)
08
0
X
Hours
(1 – 12 0 – 23)
09
0
X
Days of
Month
(1 – 28293031)
0A
0
X
Months
(1 – 12)
0B
0
X
Years
(0 – 99)
0C
0
X
Julian Date (LSB)
(0 – 99) (Note 3)
0D
0
X
Julian Date
(0 – 3)
0E
0
X
Day of Week
(1 – 7)
TIMER DATA REGISTERS
0F
0
X
Timer 0 LSB
10
0
X
Timer 0 MSB
11
0
X
Timer 1 LSB
12
0
X
Timer 1 MSB
TIME COMPARE RAM
13
0
X
Sec Compare RAM
(0 – 59)
14
0
X
Min Compare RAM
(0 – 59)
15
0
X
Hours Compare
RAM
(1 – 12 0 – 23)
16
0
X
DOM Compare
RAM
(1 – 28293031)
17
0
X
Months Compare
RAM
(1 – 12)
18
0
X
DOW Compare RAM (1 – 7)
TIME SAVE RAM
19
0
X
Seconds Time Save RAM
1A
0
X
Minutes Time Save RAM
1B
0
X
Hours Time Save RAM
1C
0
X
Day of Month Time Save RAM
1D
0
X
Months Time Save RAM
1E
0
1
RAM
1F
0
X
RAMTest Mode Register
01 – 1F
1
X
2nd Page General Purpose RAM
Note 1
PSPage Select (Bit D7 of Main Status Register)
Note 2
RSRegister Select (Bit D6 of Main Status Register)
Note 3
The LSB counters count 0–99 until the hundreds of days counter
reaches 3 Then the LSB counters count to 65 or 66 (if a leap year) The
rollover is from 365366 to 1
MAIN STATUS REGISTER
TLF8638 – 14
The Main Status Register is always located at address 0
regardless of the register block or the page selected
D0
This read only bit is a general interrupt status bit that is
taken directly from the interrupt pins The bit is a one when
an interrupt is pending on either the INTR pin or the MFO
pin (when configured as an interrupt) This is unlike D3 – D5
which can be set by an internal event but may not cause an
interrupt This bit is reset when the interrupt status bits in the
Main Status Register are cleared
D1 – D5
These five bits of the Main Status Register are the
main interrupt status bits Any bit may be a one when any of
the interrupts are pending Once an interrupt is asserted the
m
P will read this register to determine the cause These
interrupt status bits are not reset when read Except for D1
to reset an interrupt a one is written back to the correspond-
ing bit that is being tested D1 is reset whenever the PFAIL
pin e logic 1 This prevents loss of interrupt status when
reading the register in a polled mode D1 D3 – D5 are set
regardless of whether these interrupts are masked or not by
bits D6 and D7 of Interrupt Control Registers 0 and 1
D6 and D7
These bits are ReadWrite bits that control
which register block or RAM page is to be selected Bit D6
controls the register block to be accessed (see memory
map) The memory map of the clock is further divided into
two memory pages One page is the registers clock and
timers and the second page contains 31 bytes of general
purpose RAM The page selection is determined by bit D7
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com