Electronic Components Datasheet Search
  English  ▼

X  

SNAS557 Datasheet(PDF) 20 Page - Texas Instruments

Part # SNAS557
Description  DP8570A Timer Clock Peripheral
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNAS557 Datasheet(HTML) 20 Page - Texas Instruments

Back Button SNAS557 Datasheet HTML 16Page - Texas Instruments SNAS557 Datasheet HTML 17Page - Texas Instruments SNAS557 Datasheet HTML 18Page - Texas Instruments SNAS557 Datasheet HTML 19Page - Texas Instruments SNAS557 Datasheet HTML 20Page - Texas Instruments SNAS557 Datasheet HTML 21Page - Texas Instruments SNAS557 Datasheet HTML 22Page - Texas Instruments SNAS557 Datasheet HTML 23Page - Texas Instruments SNAS557 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Functional Description (Continued)
D0
This bit when set to a one makes the T1 (timer 1)
output pin active high and when set to a zero it makes this
pin active low
D1
This bit controls whether the T1 pin is an open drain or
push-pull output A one indicates push pull
D2
This bit when set to a one makes the INTR output pin
active high and when set to a zero it makes this pin active
low
D3
This bit controls whether the INTR pin is an open drain
or push-pull output A one indicates push-pull
D4
This bit when set to a one makes the MFO output pin
active high and when set to a zero it makes this pin active
low
D5
This bit controls whether the MFO pin is an open drain
or push-pull output A one indicates push-pull
D6 and D7
These bits are used to program the signal ap-
pearing at the MFO output as follows
D7
D6
MFO Output Signal
0
0
2nd Interrupt
0
1
Timer 0 Waveform
1
X
Buffered Crystal Oscillator
INTERRUPT CONTROL REGISTER 0
TLF8638 – 20
If battery backed mode is selected and the DP8570A is in
standby (VBB l VCC) then all bits are controlled by D4 of
the Real Time Mode Register
D0 – D5
These bits are used to enable one of the selected
periodic interrupts by writing a one into the appropriate bit
These interrupts are issued at the rollover of the clock For
example the minutes interrupt will be issued whenever the
minutes counter increments In all likelihood the interrupt
will be enabled asynchronously with the real time change
Therefore the very first interrupt will occur in less than the
periodic time chosen but after the first interrupt all subse-
quent interrupts will be spaced correctly These interrupts
are useful when minute second real time reading or task
switching is required When all six bits are written to a 0 this
disables periodic interrupts from the Main Status Register
and the interrupt pin
D6 and D7
These are individual timer enable bits A one
written to these bits enable the timers to generate interrupts
to the mP
INTERRUPT CONTROL REGISTER 1
TLF8638 – 21
D0 – D5
Each of these bits are enable bits which will enable
a comparison between an individual clock counter and its
associated compare RAM If any bit is a zero then that
clock-RAM comparator is set to the ‘‘always equal’’ state
and the associated TIME COMPARE RAM byte can be used
as general purpose RAM However to ensure that an alarm
interrupt is not generated at bit D3 of the Main Status Regis-
ter all bits must be written to a logic zero
D6
In order to generate an external alarm compare inter-
rupt to the mP from bit D3 of the Main Status Register this
bit must be written to a logic 1 If battery backed mode is
selected and the DP8570A is in standby (VBB l VCC) then
this bit is controlled by D4 of the Real Time Mode Register
D7
The MSB of this register is the enable bit for the Power
Fail Interrupt When this bit is set to a one an interrupt will
be generated to the mP when PFAIL e 0 If battery backed
mode is selected and the DP8570A is in standby
(VBB l VCC) then this bit is controlled by D4 of the Real
Time Mode Register
This bit also enables the low battery detection analog cir-
cuitry
If the user wishes to mask the power fail interrupt but utilize
the analog circuitry this bit should be enabled and the
Routing Register can be used to route the interrupt to the
MFO pin The MFO pin can then be left open or configured
as the Timer 0 or buffered oscillator output
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com