Electronic Components Datasheet Search
  English  ▼

X  

AD8328 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8328
Description  5 V Upstream Cable Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8328 Datasheet(HTML) 5 Page - Analog Devices

  AD8328 Datasheet HTML 1Page - Analog Devices AD8328 Datasheet HTML 2Page - Analog Devices AD8328 Datasheet HTML 3Page - Analog Devices AD8328 Datasheet HTML 4Page - Analog Devices AD8328 Datasheet HTML 5Page - Analog Devices AD8328 Datasheet HTML 6Page - Analog Devices AD8328 Datasheet HTML 7Page - Analog Devices AD8328 Datasheet HTML 8Page - Analog Devices AD8328 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. 0
Typical Performance Characteristics–AD8328
–5–
FREQUENCY – MHz
5
15
25
35
45
55
65
65
55
75
VOUT = 59dbmV
@MAX GAIN
VOUT = 60dbmV
@MAX GAIN
VOUT = 61dbmV
@MAX GAIN
60
70
TPC 1. Second-Order Harmonic Distortion
vs. Frequency for Various Output Powers
FREQUENCY – MHz
–50
–55
–75
515
65
25
35
45
55
–60
–65
–70
TA = +25 C
TA = +85 C
TA = –40 C
VOUT = 60dBmV
@ MAX GAIN
TPC 2. Second-Order Harmonic Distortion
vs. Frequency vs. Temperature
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
SPAN 750kHz
75kHz/DIV
60dBmV
–58.2dB
CH PWR
ACP
cu1
cu1
C0
C0
c11
c11
TPC 3. Adjacent Channel Power
VOUT = 60dBmV
@MAX GAIN
FREQUENCY – MHz
5
15
25
35
45
55
65
60
50
70
VOUT = 59dBmV
@MAX GAIN
VOUT = 61dBmV
@MAX GAIN
55
65
TPC 4. Third-Order Harmonic Distortion vs.
Frequency for Various Output Powers
FREQUENCY – MHz
–50
–55
–65
565
15
25
35
45
55
–60
TA = +85 C
TA = +25 C
TA = –40 C
VOUT = 60dBmV
@ MAX GAIN
TPC 5. Third-Order Harmonic Distortion vs.
Frequency vs. Temperature
FREQUENCY – MHz
–40
41.6
–30
–20
–10
0
10
20
30
40
50
60
41.7
41.8
41.9
42
42.1
42.2
42.3
VOUT = 57dBmV/TONE
@ MAX GAIN
42.4
42.5
TPC 6. Two-Tone Intermodulation Distortion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com