Electronic Components Datasheet Search
  English  ▼

X  

AD8328 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8328
Description  5 V Upstream Cable Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8328 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8328 Datasheet HTML 4Page - Analog Devices AD8328 Datasheet HTML 5Page - Analog Devices AD8328 Datasheet HTML 6Page - Analog Devices AD8328 Datasheet HTML 7Page - Analog Devices AD8328 Datasheet HTML 8Page - Analog Devices AD8328 Datasheet HTML 9Page - Analog Devices AD8328 Datasheet HTML 10Page - Analog Devices AD8328 Datasheet HTML 11Page - Analog Devices AD8328 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. 0
–8–
AD8328
The output impedance of the AD8328 is 300
Ω, regardless of
whether the amplifier is in transmit enable or transmit disable
mode. This, when combined with a 2:1 voltage ratio (4:1 imped-
ance ratio) transformer, eliminates the need for external back
termination resistors. If the output signal is being evaluated
using standard 50
Ω test equipment, a minimum loss 75 Ω–50 Ω
pad must be used to provide the test circuit with the proper
impedance match. The AD8328 evaluation board provides a
convenient means to implement a matching attenuator. Soldering
a 43.3
Ω resistor in the R15 placeholder and an 86.6 Ω resistor in
the R16 placeholder will allow testing on a 50
Ω system. When
using a matching attenuator, it should be noted that there will
be a 5.7 dB of power loss (7.5 dB voltage) through the network.
Power Supply
The 5 V supply should be delivered to each of the VCC pins via a
low impedance power bus to ensure that each pin is at the same
potential. The power bus should be decoupled to ground using
a 10
F tantalum capacitor located close to the AD8328. In
addition to the 10
F capacitor, each VCC pin should be indi-
vidually decoupled to ground with ceramic chip capacitors
located close to the pins. The bypass pin, labeled BYP, should
also be decoupled. The PCB should have a low impedance
ground plane covering all unused portions of the board, except
in areas of the board where input and output traces are in close
proximity to the AD8328 and the output transformer. All AD8328
ground pins must be connected to the ground plane to ensure
proper grounding of all internal nodes.
Signal Integrity Layout Considerations
Careful attention to printed circuit board layout details will
prevent problems due to board parasitics. Proper RF design
techniques are mandatory. The differential input and output
traces should be kept as short as possible. Keeping the traces
short will minimize parasitic capacitance and inductance. This
is most critical between the outputs of the AD8328 and the 2:1
output transformer. It is also critical that all differential signal
paths be symmetrical in length and width. In addition, the input
and output traces should be adequately spaced to minimize
coupling (crosstalk) through the board. Following these guide-
lines will optimize the overall performance of the AD8328 in all
applications.
Initial Power-Up
When the supply voltage is first applied to the AD8328, the gain
of the amplifier is initially set to gain code 1. As power is first
applied to the amplifier, the TXEN pin should be held low
(Logic 0) to prevent forward signal transmission. After power has
been applied to the amplifier, the gain can be set to the desired
level by following the procedure provided in the SPI Programming
and Gain Adjustment section. The TXEN pin can then be brought
from Logic 0 to Logic 1, enabling forward signal transmission at
the desired gain level.
RAMP Pin and BYP Pin Features
The RAMP pin (Pin 15) is used to control the length of the burst
on and off transients. By default, leaving the RAMP pin unconnected
will result in a transient that is fully compliant with DOCSIS 2.0
Section 6.2.21.2, Spurious Emissions During Burst On/Off Transients.
DOCSIS requires that all between burst transients must be dissi-
pated no faster than 2
µs. Adding capacitance to the RAMP pin
will add more time to the transient.
The BYP pin is used to decouple the output stage at midsupply.
Typically, for normal DOCSIS operation, the BYP pin should
be decoupled to ground with a 0.1
µF capacitor. However, in
applications that may require transient on/off times faster than
2
µs, smaller capacitors may be used, but it should be noted that
the BYP pin should always be decoupled to ground.
Transmit Enable (TXEN) and
SLEEP
The asynchronous TXEN pin is used to place the AD8328 into
between-burst mode. In this reduced current state, the output
impedance of 75
Ω is maintained. Applying Logic 0 to the TXEN
pin deactivates the on-chip amplifier, providing a 97.8% reduction
in consumed power. For 5 V operation, the supply current is
typically reduced from 120 mA to 2.6 mA. In this mode of opera-
tion, between-burst noise is minimized and high input to
output isolation is achieved. In addition to the TXEN pin, the
AD8328 also incorporates an asynchronous
SLEEP pin, which
may be used to further reduce the supply current to approximately
20
µA. Applying Logic 0 to the SLEEP pin places the amplifier into
SLEEP mode. Transitioning into or out of SLEEP mode may
result in a transient voltage at the output of the amplifier.
Distortion, Adjacent Channel Power, and DOCSIS
To deliver the DOCSIS required 58 dBmV of QPSK signal and
55 dBmV of 16 QAM signal, the PA is required to deliver up to
60 dBmV. This added power is required to compensate for losses
associated with the diplex filter or other passive components that
may be included in the upstream path of cable modems or set-top
boxes. It should be noted that the AD8328 was characterized with
a differential input signal. TPCs 1 and 4 show the AD8328 second
and third harmonic distortion performance versus the fundamental
frequency for various output power levels. These figures are
useful for determining the in-band harmonic levels from 5 MHz
to 65 MHz. Harmonics higher in frequency (above 42 MHz for
DOCSIS and above 65 MHz for EuroDOCSIS) will be sharply
attenuated by the low-pass filter function of the diplexer.
Another measure of signal integrity is adjacent channel power,
commonly referred to as ACP. DOCSIS 2.0, section 6.2.21.1.1
Table I. Adjacent Channel Power
Adjacent Channel Symbol Rate (kSym/s)
Channel Symbol Rate (kSym/s)
160
320
640
1280
2560
5120
160
–58
–60
–63
–66
–66
–64
320
–58
–59
–60
–64
–66
–65
640
–60
–58
–59
–61
–64
–65
1280
–62
–60
–59
–60
–61
–63
2560
–64
–62
–60
–59
–60
–61
5120
–66
–65
–62
–61
–59
–60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com