Electronic Components Datasheet Search
  English  ▼

X  

AD8034AR Datasheet(PDF) 10 Page - Analog Devices

Part # AD8034AR
Description  Low Cost, 80 MHz FastFET ??Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8034AR Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8034AR Datasheet HTML 6Page - Analog Devices AD8034AR Datasheet HTML 7Page - Analog Devices AD8034AR Datasheet HTML 8Page - Analog Devices AD8034AR Datasheet HTML 9Page - Analog Devices AD8034AR Datasheet HTML 10Page - Analog Devices AD8034AR Datasheet HTML 11Page - Analog Devices AD8034AR Datasheet HTML 12Page - Analog Devices AD8034AR Datasheet HTML 13Page - Analog Devices AD8034AR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. B
–10–
AD8033/AD8034
2mV/DIV
1.5 s/DIV
VOUT – 2VIN
VIN = 1V
t = 0
+0.1%
–0.1%
TPC 25. Long-Term Settling Time
TEMPERATURE – C
20
85
25
30
35
40
45
50
55
60
65
70
75
80
0
–40
–20
–25
–30
–35
–10
–15
–5
+Ib
–Ib
TPC 26. Ib vs. Temperature
–Ib
+Ib
–Ib
+Ib
BJT INPUT RANGE
FET INPUT RANGE
COMMON-MODE VOLTAGE – V
–12 –10
–8
–6
–4
–2
02468
10
12
10
5
0
–5
–10
–15
–20
–25
–30
0
6
12
18
24
30
36
42
TPC 27. Input Bias Current vs. Common-Mode
Voltage Range
2mV/DIV
20ns/DIV
VIN = 1V
t = 0
+0.1%
–0.1%
VOUT – 2VIN
TPC 28. 0.1% Short-Term Settling Time
TEMPERATURE – C
7.0
6.4
5.9
–40
–20
020
406080
6.9
6.7
6.2
6.0
6.6
6.8
6.5
6.3
6.1
VS =
12V
VS = +5V
VS =
5V
TPC 29. Quiescent Supply Current vs. Tempera-
ture
for Various Supply Voltages
4.0
.50
–1.0
–14
12
–12 –10 –8
–6
–4
–2
0
2
4
6
8
10
3.5
1.0
0
–.50
2.5
1.5
3.0
2.0
14
VS = 12V
VS = 5V
VS = +5V
COMMON-MODE VOLTAGE – V
TPC 30. Input Offset Voltage vs. Common-
Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com