Electronic Components Datasheet Search
  English  ▼

X  

AD8034AR Datasheet(PDF) 18 Page - Analog Devices

Part # AD8034AR
Description  Low Cost, 80 MHz FastFET ??Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8034AR Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8034AR Datasheet HTML 12Page - Analog Devices AD8034AR Datasheet HTML 13Page - Analog Devices AD8034AR Datasheet HTML 14Page - Analog Devices AD8034AR Datasheet HTML 15Page - Analog Devices AD8034AR Datasheet HTML 16Page - Analog Devices AD8034AR Datasheet HTML 17Page - Analog Devices AD8034AR Datasheet HTML 18Page - Analog Devices AD8034AR Datasheet HTML 19Page - Analog Devices AD8034AR Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
REV. B
–18–
AD8033/AD8034
Wideband Photodiode Preamp
Figure 12 shows an I/V converter with an electrical model of a
photodiode.
The basic transfer function is
V
IR
sC R
OUT
PHOTO
F
FF
=
×
+
1
where IPHOTO is the output current of the photodiode, and the
parallel combination of RF and CF sets the signal bandwidth.
The stable bandwidth attainable with this preamp is a function
of RF, the gain bandwidth product of the amplifier, and the total
capacitance at the amplifier’s summing junction, including CS
and the amplifier input capacitance. RF and the total capaci-
tance produce a pole in the amplifier’s loop transmission that can
result in peaking and instability. Adding CF creates a zero in the
loop transmission that compensates for the pole’s effect and
reduces the signal bandwidth. It can be shown that the signal
bandwidth resulting in a 45
° phase margin (f(45)) is defined by the
expression
f
f
RC
CR
FS
()
45
2
=
××
π
fCR is the amplifier crossover frequency.
RF is the feedback resistor.
CS is the total capacitance at the amplifier summing junction
(amplifier + photodiode + board parasitics).
The value of CF that produces f(45) can be shown to be
C
C
Rf
F
S
FCR
=
××
2
π
The frequency response in this case will show about 2 dB of
peaking and 15% overshoot. Doubling CF and cutting the
bandwidth in half will result in a flat frequency response, with
about 5% transient overshoot.
The preamp’s output noise over frequency is shown in Figure 13.
The pole in the loop transmission translates to a zero in the
amplifier’s noise gain, leading to an amplification of the input
voltage noise over frequency. The loop transmission zero
introduced by CF limits the amplification. The noise gain’s
bandwidth extends past the preamp signal bandwidth and
is eventually rolled off by the decreasing loop gain of the
amplifier. Keeping the input terminal impedances matched is
recommended to eliminate common-mode noise peaking
effects that will add to the output noise.
Integrating the square of the output voltage noise spectral density
over frequency and then taking the square root results in the
total rms output noise of the preamp.
CS
RSH = 10
11
VB
IPHOTO
RF
CF
VO
CM
RF
CM
CD
CF + CS
Figure 12. Wideband Photodiode Preamp
FREQUENCY – Hz
2 RFCF
2 RF (CF + CS + CM + 2CD)
(CS + CM + 2CD + CF) /CF
RF NOISE
VEN (CF + CS + CM + 2CD) /CF
f3
f2
f3 =
VEN
f1
f2 =
f1 =
1
1
fCR
NOISE DUE TO AMPLIFIER
Figure 13. Photodiode Voltage Noise Contributions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com