Electronic Components Datasheet Search
  English  ▼

X  

BUF04701 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # BUF04701
Description  Multi-Channel LCD Gamma Correction Buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BUF04701 Datasheet(HTML) 12 Page - Texas Instruments

Back Button BUF04701 Datasheet HTML 8Page - Texas Instruments BUF04701 Datasheet HTML 9Page - Texas Instruments BUF04701 Datasheet HTML 10Page - Texas Instruments BUF04701 Datasheet HTML 11Page - Texas Instruments BUF04701 Datasheet HTML 12Page - Texas Instruments BUF04701 Datasheet HTML 13Page - Texas Instruments BUF04701 Datasheet HTML 14Page - Texas Instruments BUF04701 Datasheet HTML 15Page - Texas Instruments BUF04701 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
0
5
10
15
20
25
30
35
40
45
50
Time( s)
m
V
=0Vto15VV =V
/2
R =2k
T =+25 C
C =100pF
W
DD
I
DD
L
A
L
°
3
2
1
0
1
-
20
16
12
8
4
0
V
O AllChannels
I
DD
V
DD
0
2
4
6
8
10
12
14
18
16
Time( s)
m
V
=5VV =3V
R =2k
T =+25 C
C =100pF
DD
I
L
A
L
W
°
5
4
3
2
1
0
5
4
3
2
1
0
V
I
V
Buffer
COM
GammaChannels
Time( s)
m
10
8
6
4
2
0
10
8
6
4
2
0
0
5
10
15
20
25
30
V
=10VV =6V
R =2k
T =+25 C
C =100pF
DD
I
L
A
L
W
°
V
I
V
Buffer
COM
GammaChannels
V
I
0
4
8
12
16
20
24
28
36
32
Time( s)
m
15
12
9
6
3
0
15
12
9
6
3
0
V
Buffer
COM
GammaChannels
V
=15VV =9V
R =2k
T =+25 C
C =100pF
DD
I
L
A
L
W
°
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Time( s)
m
2.60
2.55
2.50
2.45
2.40
2.60
2.55
2.50
2.45
2.40
V
=5VV =100mV
R =2k
T =+25 C
C =100pF
DD
I
L
A
L
W
°
V
I
V
Buffer
COM
GammaChannels
V
I
5.10
5.05
5.00
4.95
5.05
5.00
4.95
4.90
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Time( s)
m
GammaChannels
V
Buffer
COM
V
=10VV =100mV
R =2k
T =+25 C
C =100pF
DD
I
L
A
L
W
°
BUF07703
BUF06703
BUF05703
SBOS269C – MARCH 2003 – REVISED APRIL 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At VDD = 10V, unless otherwise noted.
TRANSIENT CURVES
SUPPLY VOLTAGE, OUTPUT VOLTAGE,
AND SUPPLY CURRENT
LARGE-SIGNAL VOLTAGE FOLLOWER
Figure 23.
Figure 24.
LARGE-SIGNAL VOLTAGE FOLLOWER
LARGE-SIGNAL VOLTAGE FOLLOWER
Figure 25.
Figure 26.
SMALL-SIGNAL VOLTAGE FOLLOWER
SMALL-SIGNAL VOLTAGE FOLLOWER
Figure 27.
Figure 28.
12
Copyright © 2003–2010, Texas Instruments Incorporated
Product Folder Link(s): BUF07703 BUF06703 BUF05703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com