Electronic Components Datasheet Search
  English  ▼

X  

BUF04701 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # BUF04701
Description  Multi-Channel LCD Gamma Correction Buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BUF04701 Datasheet(HTML) 14 Page - Texas Instruments

Back Button BUF04701 Datasheet HTML 10Page - Texas Instruments BUF04701 Datasheet HTML 11Page - Texas Instruments BUF04701 Datasheet HTML 12Page - Texas Instruments BUF04701 Datasheet HTML 13Page - Texas Instruments BUF04701 Datasheet HTML 14Page - Texas Instruments BUF04701 Datasheet HTML 15Page - Texas Instruments BUF04701 Datasheet HTML 16Page - Texas Instruments BUF04701 Datasheet HTML 17Page - Texas Instruments BUF04701 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
V
COM
V
DD
BUF07703
R
S
(1)
SourceDriver
Gamma1
Gamma2
Gamma3
Gamma(n
2)
-
Gamma (n
1)
-
Gamma (n)
(3)
(1)
(1)
(1)
(1)
(1)
(2)
(2)
(2)
(2)
(2)
(2)
BUF07703
BUF06703
BUF05703
SBOS269C – MARCH 2003 – REVISED APRIL 2010
www.ti.com
APPLICATION INFORMATION
The
requirements
on
the
number
of
gamma
The BUFxx703 buffers the various nodes on the
correction channels vary greatly from panel to panel.
gamma correction resistor ladder. The low output
Therefore, the BUFxx703 series of gamma correction
impedance of the BUFxx703 forces the external
buffers offers different channel combinations. The
gamma
correction
voltage
on
the
respective
VCOM channel can be used to drive the VCOM node on
reference node of the LCD source driver. Figure 35
the LCD panel.
shows an example of the BUFxx703 in a typical block
diagram driving an LCD source driver with 6-channel
Gamma correction voltages are often generated
gamma correction reference inputs.
using a simple resistor ladder, as shown in Figure 35.
(1)
Optional; increases stability.
(2)
Stable without RS up to 30mF.
(3)
n = maximum number of gamma channels on respective BUFxx7703 devices.
Figure 35. LCD Source Driver Typical Block Diagram
14
Copyright © 2003–2010, Texas Instruments Incorporated
Product Folder Link(s): BUF07703 BUF06703 BUF05703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com