Electronic Components Datasheet Search
  English  ▼

X  

AD8066ARM Datasheet(PDF) 1 Page - Analog Devices

Part # AD8066ARM
Description  High Performance, 145 MHz FastFET??Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8066ARM Datasheet(HTML) 1 Page - Analog Devices

  AD8066ARM Datasheet HTML 1Page - Analog Devices AD8066ARM Datasheet HTML 2Page - Analog Devices AD8066ARM Datasheet HTML 3Page - Analog Devices AD8066ARM Datasheet HTML 4Page - Analog Devices AD8066ARM Datasheet HTML 5Page - Analog Devices AD8066ARM Datasheet HTML 6Page - Analog Devices AD8066ARM Datasheet HTML 7Page - Analog Devices AD8066ARM Datasheet HTML 8Page - Analog Devices AD8066ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
High Performance, 145 MHz
FastFET™ Op Amps
AD8065/AD8066
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
FET input amplifier
1 pA input bias current
Low cost
High speed: 145 MHz, −3 dB bandwidth (G = +1)
180 V/µs slew rate (G = +2)
Low noise
7 nV/√Hz (f = 10 kHz)
0.6 fA/√Hz (f = 10 kHz)
Wide supply voltage range: 5 V to 24 V
Single-supply and rail-to-rail output
Low offset voltage 1.5 mV max
High common-mode rejection ratio: −100 dB
Excellent distortion specifications
SFDR −88 dB @ 1 MHz
Low power: 6.4 mA/amplifier typical supply current
No phase reversal
Small packaging: SOIC-8, SOT-23-5, and MSOP
APPLICATIONS
Instrumentation
Photodiode preamps
Filters
A/D drivers
Level shifting
Buffering
CONNECTION DIAGRAMS
1
2
3
5
4
1
4
3
5
27
8
6
8
7
6
5
1
2
3
4
VOUT
VOUT1
VOUT2
VOUT
–VS
–VS
–VS
+IN
+VS
+VS
+VS
–IN
–IN1
+IN1
–IN2
+IN2
NC
–IN
+IN
NC
NC
TOP VIEW
(Not to Scale)
TOP VIEW
(Not to Scale)
TOP VIEW
(Not to Scale)
AD8065
AD8066
AD8065
Figure 1.
GENERAL DESCRIPTION
The AD8065/AD80661 FastFET amplifiers are voltage feedback
amplifiers with FET inputs offering high performance and ease
of use. The AD8065 is a single amplifier, and the AD8066 is a
dual amplifier. These amplifiers are developed in the Analog
Devices, Inc. proprietary XFCB process and allow exceptionally
low noise operation (7.0 nV/√Hz and 0.6 fA/√Hz) as well as
very high input impedance.
With a wide supply voltage range from 5 V to 24 V, the ability to
operate on single supplies, and a bandwidth of 145 MHz, the
AD8065/AD8066 are designed to work in a variety of
applications. For added versatility, the amplifiers also contain
rail-to-rail outputs.
Despite the low cost, the amplifiers provide excellent overall
performance. The differential gain and phase errors of 0.02%
and 0.02°, respectively, along with 0.1 dB flatness out to 7 MHz,
make these amplifiers ideal for video applications. Additionally,
they offer a high slew rate of 180 V/µs, excellent distortion
(SFDR of −88 dB @ 1 MHz), extremely high common-mode
rejection of −100 dB, and a low input offset voltage of 1.5 mV
maximum under warmed up conditions. The AD8065/AD8066
operate using only a 6.4 mA/amplifier typical supply current
and are capable of delivering up to 30 mA of load current.
The AD8065/AD8066 are high performance, high speed,
FET input amplifiers available in small packages: SOIC-8,
MSOP-8, and SOT-23-5. They are rated to work over the
industrial temperature range of −40°C to +85°C.
–6
–3
0
3
6
9
12
15
18
21
24
FREQUENCY (MHz)
1
0.1
10
100
1000
G = +10
VO = 200mV p-p
G = +5
G = +2
G = +1
Figure 2. Small Signal Frequency Response
1Protected by U. S. Patent No. 6,262,633.


Similar Part No. - AD8066ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8066ARM AD-AD8066ARM Datasheet
547Kb / 28P
High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8066ARM AD-AD8066ARM Datasheet
617Kb / 29P
High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8066ARM-EBZ AD-AD8066ARM-EBZ Datasheet
617Kb / 29P
High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8066ARM-REEL AD-AD8066ARM-REEL Datasheet
547Kb / 28P
High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8066ARM-REEL AD-AD8066ARM-REEL Datasheet
617Kb / 29P
High Performance, 145 MHz FastFET Op Amps
Rev. J
More results

Similar Description - AD8066ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8033 AD-AD8033 Datasheet
374Kb / 20P
Low Cost, 80 MHz FastFET ??Op Amps
9/08-Rev. C to Rev. D
AD8065 AD-AD8065_06 Datasheet
547Kb / 28P
High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8065WARTZ-R7 AD-AD8065WARTZ-R7 Datasheet
617Kb / 29P
High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8033AKSZ AD-AD8033AKSZ Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8065 AD-AD8065_15 Datasheet
617Kb / 29P
High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8066 AD-AD8066_15 Datasheet
617Kb / 29P
High Performance, 145 MHz FastFET Op Amps
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com