Electronic Components Datasheet Search
  English  ▼

X  

AD8066ARM Datasheet(PDF) 20 Page - Analog Devices

Part # AD8066ARM
Description  High Performance, 145 MHz FastFET??Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8066ARM Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8066ARM Datasheet HTML 16Page - Analog Devices AD8066ARM Datasheet HTML 17Page - Analog Devices AD8066ARM Datasheet HTML 18Page - Analog Devices AD8066ARM Datasheet HTML 19Page - Analog Devices AD8066ARM Datasheet HTML 20Page - Analog Devices AD8066ARM Datasheet HTML 21Page - Analog Devices AD8066ARM Datasheet HTML 22Page - Analog Devices AD8066ARM Datasheet HTML 23Page - Analog Devices AD8066ARM Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD8065/AD8066
Rev. E | Page 20 of 28
THERMAL CONSIDERATIONS
With 24 V power supplies and 6.5 mA quiescent current, the
AD8065 dissipates 156 mW with no load. The AD8066
dissipates 312 mW. This can lead to noticeable thermal effects,
especially in the small SOT-23-5 (thermal resistance of
160°C/W). VOS temperature drift is trimmed to guarantee a
maximum drift of 17 µV/°C, so it can change up to 0.425 mV
due to warm-up effects for an AD8065/AD8066 in a SOT-23-5
package on 24 V.
Ib increases by a factor of 1.7 for every 10°C rise in temperature.
Ib will be close to 5 times higher at 24 V supplies as opposed to a
single 5 V supply.
Heavy loads will increase power dissipation and raise the chip
junction temperature as described in the Maximum Power
Dissipation section. Care should be taken to not exceed the
rated power dissipation of the package.
INPUT AND OUTPUT OVERLOAD BEHAVIOR
The AD8065/AD8066 have internal circuitry to guard against
phase reversal due to overdriving the input stage. A simplified
schematic of the input stage, including the input-protection
diodes and antiphase reversal circuitry, is shown in Figure 56.
The circuit is arranged such that when the input common-
mode voltage exceeds a certain threshold, the input JFET pair’s
bias current will turn OFF, and the bias current of an auxiliary
NPN pair will turn ON, taking over control of the amplifier.
When the input common-mode voltage returns to a viable
operating value, the FET stage turns back ON, the NPN stage
turns OFF, and normal operation resumes.
The NPN pair can sustain operation with the input voltage up
to the positive supply, so this is a pseudo rail-to-rail input stage.
For operation beyond the FET stage’s common-mode limit, the
amplifier’s VOS will change to the NPN pair’s offset (mean of
160 µV, standard deviation of 820 µV), and Ib will increase to the
NPN pair’s base current up to 45 µA (see Figure 32).
Switchback, or recovery time, is about 100 ns, see Figure 27.
The output transistors of the rail-to-rail output stage have
circuitry to limit the extent of their saturation when the output
is overdriven. This helps output recovery time. Output recovery
from a 0.5 V output overdrive on a ±5 V supply is shown in
Figure 24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com