Electronic Components Datasheet Search
  English  ▼

X  

DP83902AV Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902AV
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902AV Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button DP83902AV Datasheet HTML 21Page - National Semiconductor (TI) DP83902AV Datasheet HTML 22Page - National Semiconductor (TI) DP83902AV Datasheet HTML 23Page - National Semiconductor (TI) DP83902AV Datasheet HTML 24Page - National Semiconductor (TI) DP83902AV Datasheet HTML 25Page - National Semiconductor (TI) DP83902AV Datasheet HTML 26Page - National Semiconductor (TI) DP83902AV Datasheet HTML 27Page - National Semiconductor (TI) DP83902AV Datasheet HTML 28Page - National Semiconductor (TI) DP83902AV Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 70 page
background image
100 Internal Registers (Continued)
Page 1 Address Assignments (PS1 e 0 PS0 e 1)
RA0 – RA3
RD
WR
00H
Command (CR)
Command (CR)
01H
Physical Address
Physical Address
Register 0 (PAR0)
Register 0 (PAR0)
02H
Physical Address
Physical Address
Register 1 (PAR1)
Register 1 (PAR1)
03H
Physical Address
Physical Address
Register 2 (PAR2)
Register 2 (PAR2)
04H
Physical Address
Physical Address
Register 3 (PAR3)
Register 3 (PAR3)
05H
Physical Address
Physical Address
Register 4 (PAR4)
Register 4 (PAR4)
06H
Physical Address
Physical Address
Register 5 (PAR5)
Register 5 (PAR5)
07H
Current Page
Current Page
Register (CURR)
Register (CURR)
08H
Multicast Address
Multicast Address
Register 0 (MAR0)
Register 0 (MAR0)
09H
Multicast Address
Multicast Address
Register 1 (MAR1)
Register 1 (MAR1)
0AH
Multicast Address
Multicast Address
Register 2 (MAR2)
Register 2 (MAR2)
0BH
Multicast Address
Multicast Address
Register 3 (MAR3)
Register 3 (MAR3)
0CH
Multicast Address
Multicast Address
Register 4 (MAR4)
Register 4 (MAR4)
0DH
Multicast Address
Multicast Address
Register 5 (MAR5)
Register 5 (MAR5)
0EH
Multicast Address
Multicast Address
Register 6 (MAR6)
Register 6 (MAR6)
0FH
Multicast Address
Multicast Address
Register 7 (MAR7)
Register 7 (MAR7)
Page 2 Address Assignments (PS1 e 1 PS0 e 0)
RA0 – RA3
RD
WR
00H
Command (CR)
Command (CR)
01H
Page Start Register
Current Local DMA
(PSTART)
Address 0 (CLDA0)
02H
Page Stop Register
Current Local DMA
(PSTOP)
Address 1 (CLDA1)
03H
Remote Next Packet
Remote Next Packet
Pointer
Pointer
04H
Transmit Page Start
Reserved
Address (TPSR)
05H
Local Next Packet
Local Next Packet
Pointer
Pointer
06H
Address Counter
Address Counter
(Upper)
(Upper)
07H
Address Counter
Address Counter
(Lower)
(Lower)
08H
Reserved
Reserved
09H
Reserved
Reserved
0AH
Reserved
Reserved
0BH
Reserved
Reserved
0CH
Receive Configuration
Reserved
Register (RCR)
0DH
Transmit
Reserved
Configuration
Register (TCR)
0EH
Data Configuration
Reserved
Register (DCR)
0FH
Interrupt Mask
Reserved
Register (IMR)
Note
Page 2 registers should only be accessed for diagnostic purposes
They should not be modified during normal operation
Page 3 should never be modified
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com