Electronic Components Datasheet Search
  English  ▼

X  

DP83902AV Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902AV
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902AV Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button DP83902AV Datasheet HTML 10Page - National Semiconductor (TI) DP83902AV Datasheet HTML 11Page - National Semiconductor (TI) DP83902AV Datasheet HTML 12Page - National Semiconductor (TI) DP83902AV Datasheet HTML 13Page - National Semiconductor (TI) DP83902AV Datasheet HTML 14Page - National Semiconductor (TI) DP83902AV Datasheet HTML 15Page - National Semiconductor (TI) DP83902AV Datasheet HTML 16Page - National Semiconductor (TI) DP83902AV Datasheet HTML 17Page - National Semiconductor (TI) DP83902AV Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
70 Packet Reception
The Local DMA receive channel uses a Buffer Ring Struc-
ture comprised of a series of contiguous fixed length
256-byte (128 word) buffers for storage of received packets
The location of the Receive Buffer Ring is programmed in
two registers a Page Start and a Page Stop Register Ether-
net packets consist of a distribution of shorter link control
packets and longer data packets the 256-byte buffer length
provides a good compromise between short packets and
longer packets to most efficiently use memory In addition
these buffers provide memory resources for storage of
back-to-back packets in loaded networks The assignment
of buffers for storing packets is controlled by Buffer Man-
agement Logic in the ST-NIC The Buffer Management Log-
ic provides three basic functions linking receive buffers for
long packets recovery of buffers when a packet is rejected
and recirculation of buffer pages that have been read by the
host
At initialization a portion of the 64 kbyte (or 32k word) ad-
dress space is reserved for the receive buffer ring Two 8-bit
registers the Page Start Address Register (PSTART) and
the Page Stop Address Register (PSTOP) define the physi-
cal boundaries of where the buffers reside The ST-NIC
treats the list of buffers as a logical ring whenever the DMA
address reaches the Page Stop Address the DMA is reset
to the Page Start Address
ST-NIC Receive Buffer Ring
TLF11157 – 9
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com