Electronic Components Datasheet Search
  English  ▼

X  

BX Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # BX
Description  BX Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

BX Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  BX Datasheet HTML 1Page - Sharma Electro Components,Inc BX Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BX Series
Items
Characteristics
Capacitance Tolerance
±10% (K) (120Hz,20℃)
Rated Voltage Range (WV)
25~50 VDC
Operating Temperature Range
-40 ~ +105℃
WV
25
35
50
Surge Voltage (V) (20℃)
SV
32
44
63
I≦100μA
(After rated voltage applied for 2 minutes)
Leakage Current (Max) (20℃)
I= Leakage Current (μA)
WV
25
35
50
tanδ
0.05
0.05
0.05
Dissipation Factor (Max)
(tanδ) (120Hz ,20℃)
After applying rated voltage for 1000 hours at 105℃,
the capacitor shall meet the following requirement.
(The polarity shall be reversed every 250 hours)
Capacitance Change
Within±15% of the initial value
Dissipation Factor
Not more than 200% of the specified value
Load Life
Leakage Current
Not more than the specified value
Shelf Life
After placed at 105℃without voltage applied for 500 hours,
the capacitor shall meet the same requirement as load life.
Applicable standards
Refer to JIS C-5101
ψD
10
13
16
18
22
25
P
5.0
5.0
7.5
7.5
10.0
12.5
ψd
0.6
0.6
(0.8)
0.8
0.8
0.8
0.8
a
1.0
2.0
2.0
2.0
2.0
2.0
Temperature coefficient
Ambient Temperature (℃)
≦
50
70
85
105
Coefficient
1.90
1.75
1.40
1.00
Multiplier for Ripple Current
Dimensions (mm)
■ Features
• Lifetime:105℃,1000hrs
• Wide temperature range
for BP
• Bi-polarized/Polarity
reversing
■ Recommended Applications
• TV/monitor
• Horizontal deflection
correction
Specifications
( ) : L≧30
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Description - BX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W137 CYPRESS-W137 Datasheet
174Kb / 10P
Bx Notebook System Frequency Synthesizer
October 12, 1999
W48C101-01 CYPRESS-W48C101-01 Datasheet
112Kb / 8P
Spread Spectrum BX System Frequency Generator
October 7, 1999, rev.
logo
SpectraLinear Inc
W48C101-01 SPECTRALINEAR-W48C101-01 Datasheet
159Kb / 8P
Spread Spectrum BX System Frequency Generator
logo
Honeywell Solid State E...
BX2 HONEYWELL-BX2 Datasheet
1Mb / 8P
MICRO SWITCH BX/BX2 SERIES
logo
Source Photonics, Inc.
SPL-34-GB-BX-IDFM SOURCE-SPL-34-GB-BX-IDFM Datasheet
320Kb / 10P
SPL-43-GB-BX-IDFM
logo
Weidmuller
2720480000 WEIDMULLER-2720480000 Datasheet
975Kb / 6P
BVDF 7.62HP/08/180SN BK BX
2720460000 WEIDMULLER-2720460000 Datasheet
973Kb / 6P
BVDF 7.62HP/06/180SN BK BX
2720440000 WEIDMULLER-2720440000 Datasheet
965Kb / 6P
BVDF 7.62HP/04/180SN BK BX
2720430000 WEIDMULLER-2720430000 Datasheet
960Kb / 6P
BVDF 7.62HP/03/180SN BK BX
logo
Molex Electronics Ltd.
1301350372 MOLEX-1301350372 Datasheet
101Kb / 1P
PORTABLE OUTLET BX
2010.06.14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com