Electronic Components Datasheet Search
  English  ▼

X  

BX Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # BX
Description  BX Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

BX Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  BX Datasheet HTML 1Page - Sharma Electro Components,Inc BX Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CASE SIZE (ψDxL(mm)) / MAX PERMISSIBLE RIPPLE CURRENT(RC(Ap-p) / Sawtooth wave 15.75KHz,105℃)/
MAX EQUIVALENT SERIES RESISTANCE(ESR(Ω) / 120Hz,20℃)
25
35
50
SPEC
μF
ψDxL
RC
ESR
ψDxL
RC
ESR
ψDxL
RC
ESR
1
10x20
1.4
66.4
1.2
10x20
1.5
55.3
13x20
1.8
55.3
1.5
10x20
1.8
44.3
13x20
2
44.3
1.8
10x20
1.9
36.9
13x20
2.2
36.9
13x20
2.2
36.9
2.2
13x20
2.5
30.2
13x20
2.5
30.2
13x20
2.5
30.2
2.7
13x20
2.7
24.6
13x20
2.7
24.6
13x25
3
24.6
3.3
13x20
3.1
20.1
13x25
3.3
20.1
16x26
3.8
20.1
3.9
13x20
3.3
17.0
13x25
3.6
17.0
16x26
4
17.0
4.7
13x25
4
14.1
16x26
4.5
14.1
16x26
4.5
14.1
5.6
16x26
5
11.9
16x26
5
11.9
16x32
5.4
11.9
6.8
16x26
5.5
9.76
16x32
6
9.76
16x36
6.8
9.76
8.2
16x26
6
8.09
16x32
6.5
8.09
18x36
7.4
8.10
10
16x32
7.3
6.64
16x36
7.6
6.64
18x40
8.5
6.64
12
16x36
8.5
5.53
18x36
8.5
5.53
22x40
9.3
5.53
15
18x36
9.3
4.43
18x40
10
4.43
22x40
11
4.43
18
18x40
11
3.69
22x40
12
3.69
25x40
14
3.69
22
22x40
13
3.02
22x40
14
3.02
25x40
15
3.02
27
22x40
15
2.46
25x40
16
2.46
33
25x40
18
2.01
WV
Case Size / Max Ripple Current / ESR
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com