Electronic Components Datasheet Search
  English  ▼

X  

FM Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # FM
Description  FM Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

FM Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  FM Datasheet HTML 1Page - Sharma Electro Components,Inc FM Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FM Series
Items
Characteristics
Capacitance Tolerance
±20% (M) (120Hz,20℃)
Rated Voltage Range (WV)
10~250 VDC
Operating Temperature Range
-55 ~ +105℃
WV
10
16
25
35
50
63
100
160
200
250
Surge Voltage (V) (20℃)
SV
13
20
32
44
63
79
125
200
250
300
I≦0.01CV or3μA whichever is greater
(After rated voltage applied for 2 minutes)
I≦0.03CV+10μA
(After rated voltage applied for 3 minutes)
Leakage Current (Max) (20℃)
I= Leakage Current (μA) C= Nominal Capacitance (μF) V= Rated Voltage (V)
WV
10
16
25
35
50
63
100
160
200
250
tanδ
0.30
0.25
0.22
0.18
0.15
0.15
0.15
0.20
0.20
0.20
Dissipation Factor (Max)
(tanδ) (120Hz ,20℃)
When nominal capacitance is over 1000μF,
tanδ shall be added 0.02 to the listed value with increase of every 1000μF.
WV
Z (120Hz)
10
16
25
35
50
63
100
160
200
250
Z(-40℃) / Z(20℃)
3
2
2
2
2
2
2
2
2
2
Low Temperature Stability
Impedance Ratio (Max)
Z(-55℃) / Z(20℃)
9
6
6
5
5
5
5
5
5
5
After applying rated voltage for 5000 hours at 105℃,
the capacitor shall meet the following requirement.
Capacitance Change
Within±30% of the initial value
Dissipation Factor
Not more than 300% of the specified value
Load Life
Leakage Current
Not more than the specified value
Shelf Life
After placed at 105℃without voltage applied for 1000 hours,
the capacitor shall meet the same requirement as load life.
Applicable standards
Refer to JIS C 5101
ψD
8
10
13
16
18
P
3.5
5.0
5.0
7.5
7.5
ψd
0.6
0.6
0.6
(0.8)
0.8
0.8
a
1.0
1.0
2.0
2.0
2.0
Frequency coefficient
WV
(VDC)
Freq.(Hz)
Cap (μF)
50
120
1K
10K
0.47~82
0.75
1.00
1.57
2.00
100~820
0.80
1.00
1.34
1.50
10~100
1000~4700
0.85
1.00
1.13
1.15
160~250
0.47~100
0.80
1.00
1.40
1.60
Temperature coefficient
Ambient Temperature (℃)
≦50
70
85
105
Coefficient
1.90
1.75
1.40
1.00
Multiplier for Ripple Current
Dimensions (mm)
Specifications
■ Features
• Lifetime:105℃,
2000~ 5000hrs
• Wide temperature range
• Long life
■ Recommended Applications
• Circuit for control(Low
voltage)
• Electronic Ballast(High
voltage)
• SMPS
( ) : L≧30
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Description - FM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1991N SONY-CXA1991N Datasheet
245Kb / 12P
FM Pager/FM Multiplex Tuner
logo
TEMIC Semiconductors
U4065B TEMIC-U4065B Datasheet
290Kb / 23P
FM Receiver
logo
List of Unclassifed Man...
NS953M ETC-NS953M Datasheet
72Kb / 2P
FM MODULE
logo
Sony Corporation
CXA1019AM SONY-CXA1019AM Datasheet
235Kb / 11P
FM / AM
logo
Wuxi Youda electronics ...
YD1800 YOUDA-YD1800 Datasheet
99Kb / 4P
FM/AM
logo
Kemet Corporation
FM0H223ZFTP16 KEMET-FM0H223ZFTP16 Datasheet
764Kb / 18P
Supercapacitors FM Series
logo
Sony Corporation
ST-H300 SONY-ST-H300 Datasheet
10Mb / 12P
FM stereo, FM/AM superheterodyne tuner
logo
List of Unclassifed Man...
LTK5128 ETC2-LTK5128 Datasheet
698Kb / 10P
FM scheme
RTC6218 ETC1-RTC6218 Datasheet
420Kb / 20P
FM Tuner
logo
Panasonic Semiconductor
AN7025K PANASONIC-AN7025K Datasheet
386Kb / 6P
AM Tuner/FM-IF FM MPX
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com