Electronic Components Datasheet Search
  English  ▼

X  

FM Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # FM
Description  FM Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

FM Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  FM Datasheet HTML 1Page - Sharma Electro Components,Inc FM Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CASE SIZE (ψDxL(mm)) / MAX PERMISSIBLE RIPPLE CURRENT(RC(mArms) / 120Hz,105℃)
10
16
25
35
50
63
100
SPEC
μF
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
0.47
8x11
5
1
8x11
15
2.2
8x11
30
3.3
8x11
45
4.7
8x11
70
8x11
70
8x11
70
10
8x11
85
8x11
90
8x11
105
22
8x11
130
8x11
135
10x15
190
33
8x11
150
10x12.5
175
10x12.5
190
10x20
240
47
8x11
160
8x11
170
10x12.5
225
10x12.5
250
13x20
365
100
8x11
210
8x11
220
10x12.5
275
10x12.5
295
10x17
390
10x20
450
16x26
570
220
10x12.5
350
10x12.5
360
10x17
470
10x20
500
13x20
630
13x25
760
16x32
890
330
10x15
490
10x17
520
10x20
620
13x20
740
13x25
840
16x26
1030
16x36
1050
470
10x17
600
10x20
710
13x20
840
13x25
1000
16x26
1100
16x32
1260
1000
13x20
960
13x25
1130
16x26
1300
16x26
1310
16x36
1630
18x40
2000
2200
16x26
1470
16x26
1815
16x36
1910
18x36
2100
3300
16x32
1910
16x36
2160
18x40
2340
4700
16x36
2630
18x36
2650
160
200
250
SPEC
μF
ψDxL
RC
ψDxL
RC
ψDxL
RC
0.47
8x11
5
1
8x11
15
2.2
8x11
30
8x11
30
10x12.5
30
3.3
10x12.5
45
10x12.5
45
10x15
45
4.7
10x12.5
70
10x17
70
10x17
70
10
10x17
135
10x20
160
13x20
180
22
13x20
240
13x25
280
13x25
305
33
13x25
315
16x26
400
16x26
430
47
16x26
410
16x26
450
16x32
560
100
16x36
710
18x36
770
Case Size / Ripple Current / ESR
WV
WV
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com