Electronic Components Datasheet Search
  English  ▼

X  

LX Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # LX
Description  LX Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

LX Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  LX Datasheet HTML 1Page - Sharma Electro Components,Inc LX Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LX Series
Items
Characteristics
Capacitance Tolerance
±20% (M) (120Hz,20℃)
Rated Voltage Range (WV)
6.3~100 VDC
Operating Temperature Range
-40 ~ +105℃
WV
6.3
10
16
25
35
50
63
80
100
Surge Voltage (V) (20℃)
SV
8
13
20
32
44
63
79
100
125
I≦0.002CV or 0.4μA whichever is greater
(After rated voltage applied for 2 minutes)
Leakage Current (Max) (20℃)
I= Leakage Current (μA) C= Nominal Capacitance (μF) V= Rated Voltage (V)
WV
6.3
10
16
25
35
50
63
80
100
tanδ
0.24
0.20
0.16
0.14
0.12
0.10
0.10
0.08
0.07
Dissipation Factor (Max)
(tanδ) (120Hz ,20℃)
When rated capacitance is over 1000μF,
tan δ shall be added 0.02 to the listed value with increase of every 1000μF.
WV
Z (120Hz)
6.3
10
16
25
35
50
63
80
100
Z(-25℃) / Z(20℃)
4
3
2
2
2
2
2
1.5
1.5
Low Temperature Stability
Impedance Ratio (Max)
Z(-40℃) / Z(20℃)
8
6
4
4
3
3
3
2
2
After applying rated voltage for 1000 hours at 105℃,
the capacitor shall meet the following requirement.
Capacitance Change
Within±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value
Load Life
Leakage Current
Not more than the initial specified value
Shelf Life
After placed at 105℃without voltage applied for 500 hours,
the capacitor shall meet the same requirement as load life.
Applicable standards
Refer to JIS C 5101
ψD
5
6.3
8
10
13
16
18
P
2.0
2.5
3.5
5.0
5.0
7.5
7.5
ψd
0.5
0.5
0.6
0.6
0.6
(0.8)
0.8
0.8
a
1.0
1.0
1.0
1.0
2.0
2.0
2.0
Frequency coefficient
Freq. (Hz)
WV (VDC)
50
120
1K
10K
6.3~10
0.80
1.00
1.10
1.20
16~25
0.80
1.00
1.20
1.30
35~50
0.80
1.00
1.50
1.70
63~100
0.80
1.00
1.60
1.90
Temperature coefficient
Ambient Temperature (℃)
≦50
70
85
105
Coefficient
1.90
1.75
1.40
1.00
Multiplier for Ripple Current
Dimensions (mm)
Specifications
■ Features
• Lifetime:105℃,1000hrs
• Wide temperature range
for LL
• Low leakage current
■ Recommended Applications
• AV(TV, Video, Audio)
• OA/HA/Communication
• Hi- Fi Pre-Amp
• Timer/Oscillation circuit
( ) : L≧30
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Description - LX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LX200VB1R0M ETC1-LX200VB1R0M Datasheet
840Kb / 5P
LXA/LX Series
logo
MRV Communications, Inc...
LX-8020S-012DCR MRV-LX-8020S-012DCR Datasheet
135Kb / 2P
LX Series 8000S Console Server
logo
Source Photonics, Inc.
FTM-3413C-SLCG SOURCE-FTM-3413C-SLCG Datasheet
279Kb / 10P
100BASE-LX/1000BASE-LX Spring-Latch SFP Transceiver
logo
MRV Communications, Inc...
LX-1000T MRV-LX-1000T Datasheet
559Kb / 2P
LX Series
LX-4000T MRV-LX-4000T Datasheet
408Kb / 2P
LX Series
LX5260 MRV-LX5260 Datasheet
799Kb / 2P
LX Series
logo
List of Unclassifed Man...
1783680000 ETC2-1783680000 Datasheet
429Kb / 5P
OMNIMATE Power - series LX LX 15.00/03/90 4.5SN GY BX
logo
Panasonic Battery Group
EEF-LX PANASONICBATTERY-EEF-LX Datasheet
792Kb / 1P
EEF-GX and LX Series
logo
Banner Engineering Corp...
LXSERIES BANNER-LXSERIES Datasheet
746Kb / 6P
LX Series Part-Sensing Light Screen
LXSERIES BANNER-LXSERIES_V01 Datasheet
67Kb / 2P
LX Series Lens Shields
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com