Electronic Components Datasheet Search
  English  ▼

X  

LX Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # LX
Description  LX Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

LX Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  LX Datasheet HTML 1Page - Sharma Electro Components,Inc LX Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CASE SIZE (ψDxL(mm)) / MAX PERMISSIBLE RIPPLE CURRENT (RC(mArms) / 120Hz,105℃)
6.3
10
16
25
35
50
63
SPEC
μF
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
0.1
5x11
1
0.22
5x11
2
0.33
5x11
3
0.47
5x11
5
1
5x11
10
2.2
5x11
20
3.3
5x11
30
4.7
5x11
30
5x11
35
5x11
35
5x11
35
10
5x11
40
5x11
40
5x11
45
5x11
55
5x11
50
22
5x11
50
5x11
55
5x11
60
5x11
65
5x11
75
6.3x11
80
33
5x11
55
5x11
60
5x11
70
5x11
75
5x11
80
6.3x11
100
6.3x11
100
47
5x11
65
5x11
75
5x11
85
5x11
90
6.3x11
110
6.3x11
120
8x11
140
100
5x11
95
5x11
110
6.3x11
140
6.3x11
140
8x11
180
8x11
200
10x12.5
230
220
6.3x11
165
6.3x11
180
8x11
230
8x11
250
10x12.5
320
10x17
400
10x20
430
330
6.3x11
195
8x11
250
8x11
280
10x12.5
360
10x17
450
10x20
520
13x20
610
470
8x11
270
8x11
300
10x12.5
400
10x17
490
10x20
570
13x20
730
13x25
800
1000
10x12.5
465
10x17
600
10x17
660
13x20
880
13x25
1060
16x26
1330
16x32
1460
2200
13x20
925
13x20
1000
13x25
1210
16x26
1550
16x32
1700
18x36
2100
3300
13x20
1100
13x25
1300
16x26
1610
16x32
1860
18x36
2200
4700
16x26
1600
16x26
1700
16x32
2020
18x36
2380
18x40
2610
6800
16x26
1810
16x32
2100
18x36
2520
18x40
2770
10000
16x32
2210
18x36
2630
18x40
2910
15000
18x36
2760
80
100
SPEC
μF
ψDxL
RC
ψDxL
RC
0.47
5x11
5
1
5x11
10
2.2
5x11
20
3.3
5x11
30
4.7
5x11
40
10
6.3x11
60
6.3x11
65
22
8x11
110
8x11
115
33
8x11
130
10x12.5
160
47
10x12.5
180
10x17
230
100
10x17
310
13x20
410
220
13x20
560
16x26
750
330
13x25
750
16x26
920
470
16x26
1020
16x32
1200
1000
18x36
1830
WV
Case Size / Max Ripple Current
WV
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com